전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC2321 데이터시트(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

부품명 BC2321
상세설명  Plastic-Encapsulate MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GWSEMI [Goodwork Semiconductor Co., Ltd .]
홈페이지  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BC2321 데이터시트(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  BC2321 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BC2321 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BC2321 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . BC2321 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-source breakdown voltage
V(BR) DSS
VGS = 0V, ID =-10µA
-20
V
Gate-source leakage
IGSS
VDS =0V, VGS =
±12V
±100
nA
Zero Gate voltage drain current
IDSS
VDS =-16V, VGS =0V
-1.0
µA
Gate-source threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-0.4
-0.9
V
VGS =-4.5V, ID =-3.3A
0.057
VGS =-2.5V, ID =-2.8A
0.076
Drain-source on-state resistance
RDS(on)
VGS =-1.8V, ID =-2.3A
0.110
Ω
Forward tranconductance
gfS
VDS =-5V, ID =-3.3A
3
S
Forward diode voltage
VSD
VGS =0V,IS=-1.6A
-1.2
V
Dynamic
Input capacitancea,b
Ciss
715
Output capacitancea,b
Coss
170
Reverse transfer capacitancea,b
Crss
VDS =-6V,VGS =0V,f =1MHz
120
pF
Total Gate chargea
Qg
13
nc
Gate-Source chargea
Qgs
1.2
nc
Gate-Drain chargea
Qgd
VDS =-6V,VGS =-4.5V,ID=-3.3A
2.2
nc
Switchinga,b
Turn-on delay Time
td(on)
25
Rise time
tr
55
Turn-off delay time
td(off)
90
Fall time
tf
VGEN=-4.5V,VDD=-6V,
ID =-1.0A,RG=6Ω, RL=6Ω
60
ns
Notes : a. Pulse Test : pulse width ≤300µs, duty cycle ≤2%.
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
b. These parameters have no way to verify.
0.0
35
0.0
48
0.0
65
B C2321
P-Channel 20-V(D-S) MOSFET



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com