전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC2321 데이터시트(PDF) 3 Page - Goodwork Semiconductor Co., Ltd .

부품명 BC2321
상세설명  Plastic-Encapsulate MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GWSEMI [Goodwork Semiconductor Co., Ltd .]
홈페이지  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BC2321 데이터시트(HTML) 3 Page - Goodwork Semiconductor Co., Ltd .

  BC2321 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BC2321 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BC2321 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . BC2321 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-0
-2
-4
-6
-8
-10
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-0.1
-1
-10
-0
-1
-2
-3
-4
-0
-4
-8
-12
-16
-0
-2
-4
-6
-8
-10
-12
0
50
100
150
200
250
300
-0
-2
-4
-6
-8
0
100
200
300
400
500
T
a=25
℃
Pulsed
T
a=25
℃
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
-20
T
a=25
℃
Pulsed
-0.3
-3
V
SD
I
S ——
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=-2.0V
V
GS=-1.5V
V
GS=-4.5V,-4.0V,-3.5V,-3.0V,-2.5V
V
GS=-1.0V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
T
a=25
℃
Pulsed
V
GS=-1.8V
V
GS=-2.5V
V
GS=-4.5V
DRAIN CURRENT I
D
(A)
T
a=25
℃
Pulsed
I
D=-3.3A
I
D
R
DS(ON)
——
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE V
GS
(V)
B C2321
P-Channel 20-V(D-S) MOSFET
Typical Characteristics



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com