전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADMFM2000 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADMFM2000
상세설명  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000 데이터시트(HTML) 3 Page - Analog Devices

  ADMFM2000 Datasheet HTML 1Page - Analog Devices ADMFM2000 Datasheet HTML 2Page - Analog Devices ADMFM2000 Datasheet HTML 3Page - Analog Devices ADMFM2000 Datasheet HTML 4Page - Analog Devices ADMFM2000 Datasheet HTML 5Page - Analog Devices ADMFM2000 Datasheet HTML 6Page - Analog Devices ADMFM2000 Datasheet HTML 7Page - Analog Devices ADMFM2000 Datasheet HTML 8Page - Analog Devices ADMFM2000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADMFM2000
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 28
VDD_LNA_1 = VDD_LNA_2 = VDD_IF_1 = VDD_IF_2 = VDD_LO_DRIVER_1 = VDD_LO_DRIVER_2 = 5 V, VSS_DSAS = −5 V,
VGG_RFAMP_1 = VGG_RFAMP_2 = VGG_LOAMP_1 = VGG_LOAMP_2 = open, LO_IN power (PLO_IN) = 6 dBm (referenced at the
customer evaluation board LO_IN RF connector), and TA = 25°C, unless otherwise noted.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OPERATING CONDITIONS
Frequency Range
0.5
32
GHz
LNA Input
5
32
GHz
Mixer Input
5
32
GHz
Direct IF Input
0.5
8
GHz
LNA Output
5
32
GHz
IF Output
0.5
8
GHz
LO Input
7
30
GHz
LNA
Input: RF_IN_1 and RF_IN_2 and output: LNA_OUT_1 and
LNA_OUT_2
Gain
18 GHz
12
dB
Gain Flatness
Over any 4 GHz of bandwidth
1
dB p-p
Gain Variation over Temperature
−40°C to +85°C
1.2
dB
Noise Figure
18 GHz
3.5
dB
Input 1 dB Compression Point (P1dB)
18 GHz
2
dBm
Second Harmonic (HD2)
RF_IN_x frequency (fRF_IN_x) = 9 GHz, and LNA_OUT_x power
(PLNA_OUT_x) = −6 dBm
−37
dBc
Third Harmonic (HD3)
fRF_IN_x = 9 GHz, and PLNA_OUT_x = −6 dBm
−69
dBc
Input Third-Order Intercept (IP3)
18 GHz, 1 MHz tone spacing and an output power (POUT) = −6
dBm per tone
12
dBm
Input Second-Order Intercept (IP2)
9 GHz, 11 MHz tone spacing, POUT = −6 dBm per tone
25
dBm
Channel to Channel Isolation
PLNA_OUT_1 to PLNA_OUT_2, 18 GHz, PRF_IN_1 = −20 dBm, and
RF_IN_2: 50 Ω termination
−55
dB
MIXER
Input: MIXER_IN_1 and MIXER_IN_2, LO: LO_IN = 6 dBm,
SW1_CTRL_A = −5 V, SW1_CTRL_B = 0 V, SW2_CTRL_A = 0
V, SW2_CTRL_B = −5 V, and output: IF_OUT_1 and IF_OUT_2
= 3 GHz
Gain
18 GHz
−6.3
dB
Gain Flatness
Over any 4 GHz of bandwidth
2
dB p-p
Gain Variation over Temperature
−40°C to +85°C
2
dB
DSA Range
0
31
dB
DSA Step Size
1
dB
Noise Figure
Single sideband, 18 GHz
23.5
dB
Input P1dB
18 GHz
16.5
dBm
Input IP3
MIXER_IN_x Frequency 1 (f1MIXER_IN_x) = 18 GHz, 1 MHz tone
spacing, POUT = −15 dBm per tone
23.5
dBm
Input IP2
f1MIXER_IN_x = 18 GHz, 11 MHz tone spacing, POUT = −15 dBm
per tone
39.7
dBm
Mixer Isolation
RF to IF
(MIXER_IN_x power (PMIXER_IN_x) at 18 GHz) − (IF_OUT_x
power (PIF_OUT_x) at 18 GHz), PMIXER_IN_x = −10 dBm
57
dB
LO to RF
(PLO_IN at 18 GHz) − (PMIXER_IN_x at 18 GHz), PLO_IN = 8 dBm
32
dB
LO to IF
(PLO_IN at 18 GHz) − (PIF_OUT_x at 18 GHz), PLO_IN = 8 dBm
77
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com