전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADMFM2000 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADMFM2000
상세설명  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000 데이터시트(HTML) 4 Page - Analog Devices

  ADMFM2000 Datasheet HTML 1Page - Analog Devices ADMFM2000 Datasheet HTML 2Page - Analog Devices ADMFM2000 Datasheet HTML 3Page - Analog Devices ADMFM2000 Datasheet HTML 4Page - Analog Devices ADMFM2000 Datasheet HTML 5Page - Analog Devices ADMFM2000 Datasheet HTML 6Page - Analog Devices ADMFM2000 Datasheet HTML 7Page - Analog Devices ADMFM2000 Datasheet HTML 8Page - Analog Devices ADMFM2000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
ADMFM2000
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 28
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Channel to Channel Isolation
MIXER_IN_2: 50 Ω termination, MIXER_IN_1 power
(PMIXER_IN_1) = −10 dBm at MIXER_IN_1 frequency (fMIXER_IN_1)
= 18 GHz, IF_OUT_1 frequency (fIF_OUT_1) = 3.0 GHz
IF to IF
(IF_OUT_1 power (PIF_OUT_1) at 3 GHz) − (IF_OUT_2 power
(PIF_OUT_2) at 3 GHz)
−80
dB
DIRECT IF MODE
Input: RF_BYPASS_IN_1 and RF_BYPASS_IN_2, output:
IF_OUT_1 and IF_OUT_2, SW1_CTRL_A = 0 V, SW1_CTRL_B
= −5 V, SW2_CTRL_A = −5 V, and SW2_CTRL_B = 0 V
Gain
3.0 GHz
5.0
dB
Gain Flatness
3 GHz ± 1.0 GHz
1.2
dB p-p
Gain Variation over Temperature
−40°C to +85°C
0.6
dB
DSA Range
0
31
dB
DSA Step Size
1
dB
Noise Figure
3.0 GHz
12.1
dB
Input P1dB
3.0 GHz
14.5
dBm
HD2
3.0 GHz, PIF_OUT_x − P(2 × fIF_OUT_x), and POUT = 5 dBm
−50
dBc
HD3
3.0 GHz, PIF_OUT_x − P(3 × fIF_OUT_x), POUT = 5 dBm
−77
dBc
Input IP3
3.0 GHz, 1 MHz tone spacing, and POUT = 5 dBm per tone
27
dBm
Input IP2
3.0 GHz, 11 MHz tone spacing, and POUT = 5 dBm per tone
32.4
dBm
Channel to Channel Isolation
PIF_OUT_1 to PIF_OUT_2, 3.0 GHz, RF_BYPASS_IN_1 power
(PRF_BYPASS_IN_1) = −20 dBm, and RF_BYPASS_IN_2: 50 Ω
termination
−67
dB
DSA SPECIFICATIONS
Range
0
31
dB
Step Size
Between any successive attenuation states, 0.5 GHz to 8 GHz
1
dB
Step Error
Between any successive attenuation states, 0.5 GHz to 8 GHz
±0.5
dB
Settling Time
Minimum attenuation to maximum attenuation, tFALL (90% to
10% RF)
38
ns
Maximum attenuation to minimum attenuation, tRISE (10% to
90% RF)
42
ns
tON (50% control to 90% RF)
60
ns
tON and tOFF (50% control to 10% RF)
60
ns
LNA MIXER CASCADED
Input: RF_IN_1 and RF_IN_2, output: IF_OUT_1 and
IF_OUT_2, 5.5 dB attenuation between LNA_OUT_x and
MIXER_IN_x, SW1_CTRL_A = −5 V, SW1_CTRL_B = 0 V,
SW2_CTRL_A = 0 V, and SW2_CTRL_B = −5 V
Gain
fRF_IN_x = 18 GHz and fIF_OUT_x = 3.0 GHz
0.5
dB
DSA Range
0
31
dB
DSA Step Size
1
dB
Noise Figure
Single sideband
16.7
dB
Input P1dB
10.6
dBm
Input IP3
18 GHz, 1 MHz tone spacing, and POUT = −15 dBm per tone
10.2
dBm
Input IP2
9 GHz, 11 MHz tone spacing, and POUT = −15 dBm per tone
24.3
dBm
Channel to Channel Isolation
PIF_OUT_1 to PIF_OUT_2, 18 GHz, PRF_IN_1 = −20 dBm, and
RF_IN_2: 50 Ω termination
60
dB
LO CHARACTERISTICS
LO Drive Level1
4
6
8
dBm
LOGIC INPUTS
SWx_CTRL_x
SW1_CTRL_A, SW1_CTRL_B, SW2_CTRL_A, and
SW2_CTRL_B
Input Low Voltage (VIL)
−0.2
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com