전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320VC5402 데이터시트(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320VC5402
상세설명  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 데이터시트(HTML) 41 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 37Page - Texas Instruments TMS320VC5402 Datasheet HTML 38Page - Texas Instruments TMS320VC5402 Datasheet HTML 39Page - Texas Instruments TMS320VC5402 Datasheet HTML 40Page - Texas Instruments TMS320VC5402 Datasheet HTML 41Page - Texas Instruments TMS320VC5402 Datasheet HTML 42Page - Texas Instruments TMS320VC5402 Datasheet HTML 43Page - Texas Instruments TMS320VC5402 Datasheet HTML 44Page - Texas Instruments TMS320VC5402 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
41
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory and parallel I/O interface timing (continued)
switching characteristics over recommended operating conditions for a
memory write
(MSTRB = 0) [H = 0.5 tc(CO)]† (see Figure 14)
PARAMETER
MIN
MAX
UNIT
td(CLKH-A)
Delay time, CLKOUT high to address valid‡
–2
3
ns
td(CLKL-A)
Delay time, CLKOUT low to address valid§
–2
3
ns
td(CLKL-MSL)
Delay time, CLKOUT low to MSTRB low
–1
3
ns
td(CLKL-D)W
Delay time, CLKOUT low to data valid
0
6
ns
td(CLKL-MSH)
Delay time, CLKOUT low to MSTRB high
–1
3
ns
td(CLKH-RWL)
Delay time, CLKOUT high to R/W low
–1
3
ns
td(CLKH-RWH)
Delay time, CLKOUT high to R/W high
–1
3
ns
td(RWL-MSTRBL)
Delay time, R/W low to MSTRB low
H – 2
H + 1
ns
th(A)W
Hold time, address valid after CLKOUT high‡
1
3
ns
th(D)MSH
Hold time, write data valid after MSTRB high
H–3
H+6§
ns
tw(SL)MS
Pulse duration, MSTRB low
2H–2
ns
tsu(A)W
Setup time, address valid before MSTRB low
2H–2
ns
tsu(D)MSH
Setup time, write data valid before MSTRB high
2H–6
2H+5§
ns
ten(D–RWL)
Enable time, data bus driven after R/W low
H–5
ns
tdis(RWH–D)
Disable time, R/W high to data bus high impedance
0
ns
† Address, PS, and DS timings are all included in timings referenced as address.
‡ In the case of a memory write preceded by a memory write
§ In the case of a memory write preceded by an I/O cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com