전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EX4550 데이터시트(PDF) 13 Page - Juniper Networks, Inc.

부품명 EX4550
상세설명  Ethernet Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JUNIPER [Juniper Networks, Inc.]
홈페이지  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4550 데이터시트(HTML) 13 Page - Juniper Networks, Inc.

Back Button EX4550 Datasheet HTML 6Page - Juniper Networks, Inc. EX4550 Datasheet HTML 7Page - Juniper Networks, Inc. EX4550 Datasheet HTML 8Page - Juniper Networks, Inc. EX4550 Datasheet HTML 9Page - Juniper Networks, Inc. EX4550 Datasheet HTML 10Page - Juniper Networks, Inc. EX4550 Datasheet HTML 11Page - Juniper Networks, Inc. EX4550 Datasheet HTML 12Page - Juniper Networks, Inc. EX4550 Datasheet HTML 13Page - Juniper Networks, Inc. EX4550 Datasheet HTML 14Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Data Sheet
EX4300 Ethernet Switch
Juniper Networks Service and Support
Juniper Networks is the leader in performance-enabling services
that are designed to accelerate, extend, and optimize your
high-performance network. Our services allow you to maximize
operational efficiency while reducing costs and minimizing
risk, achieving a faster time to value for your network. Juniper
Networks ensures operational excellence by optimizing the
network to maintain required levels of performance, reliability,
and availability. For more details, please visit www.juniper.net/us/
en/products-services.
Ordering Information
Model Number
Description
Switches1
EX4300-24T
24-port 10/100/1000BASE-T + 350 W AC
PS (QSFP+ DAC for Virtual Chassis ordered
separately)
EX4300-48T
48-port 10/100/1000BASE-T + 350 W AC
PS (QSFP+ DAC for Virtual Chassis ordered
separately)
EX4300-48T-AFI
48-port 10/100/1000BASE-T + 350 W AC PS
(Back-to-front airflow) (QSFP+ DAC for Virtual
Chassis ordered separately)
EX4300-24P
24-port 10/100/1000BASE-T PoE-plus + 715 W
AC PS (provides 565 W PoE+ power) (QSFP+
DAC for Virtual Chassis ordered separately)
EX4300-48P
48-port 10/100/1000BASE-T PoE-plus +
1,100 W AC PS (provides 950 W PoE+ power)
(QSFP+ DAC for Virtual Chassis ordered
separately)
EX4300-48T-DC
48-port 10/100/1000BASE-T + 550 W DC
PS (QSFP+ DAC for Virtual Chassis ordered
separately)
EX4300-48T-
DC-AFI
48-port 10/100/1000BASE-T + 550 W DC PS
(Back-to-front airflow) (QSFP+ DAC for Virtual
Chassis ordered separately)
EX4300-32F
32-port 100/1000BASE-X SFP, 4x10GBASE-X
SFP+, 2x40GBASE-X QSFP+, and 350W AC PS
(optics sold separately)
EX4300-32F-DC
32-port 100/1000BASE-X SFP, 4x10GBASE-X
SFP+, 2x40GBASE-X QSFP+, and 550W DC PS
(optics sold separately)
EX4300-24T-TAA
Trade Agreement Act-compliant EX4300,
24-port 10/100/1000BASE-T + 350 W AC PS
(QSFP+ DAC for Virtual Chassis and optics
ordered separately)
EX4300-48T-TAA
Trade Agreement Act-compliant EX4300,
48-port 10/100/1000BASE-T + 350 W AC PS
(QSFP+ DAC for Virtual Chassis and optics
ordered separately)
EX4300-48T-AFI-
TAA
Trade Agreement Act-compliant EX4300,
48-port 10/100/1000BASE-T + 350 W AC PS
(back-to-front airflow) (QSFP+ DAC for Virtual
Chassis and optics ordered separately)
EX4300-48T-DC-
TAA
Trade Agreement Act-compliant EX4300,
48-port 10/100/1000BASE-T + 550 W DC PS
(QSFP+ DAC for Virtual Chassis and optics
ordered separately)
EX4300-48T-DCI-
TAA
Trade Agreement Act-compliant EX4300,
48-port 10/100/1000BASE-T + 550 W DC PS
(back-to-front airflow) (QSFP+ DAC for Virtual
Chassis and optics ordered separately)
Model Number
Description
EX4300-24P-TAA
Trade Agreement Act-compliant EX4300,
24-port 10/100/1000BASE-T PoE-plus + 715 W
AC PS (provides 565 W PoE+ power) (QSFP+
DAC for Virtual Chassis and optics ordered
separately)
EX4300-48P-TAA
Trade Agreement Act-compliant EX4300, 48-
port 10/100/1000BASE-T PoE-plus + 1,100 W
AC PS (provides 950 W PoE+ power)(QSFP+
DAC for Virtual Chassis and optics ordered
separately)
Mounting Options
EX-4PST-RMK
Adjustable 4-post rack-mount kit for EX4200,
EX4300, and EX3200
EX-WMK
EX4200, EX4300, and EX3200 wall-mount kit
EX-RMK
Rack Mount Kit for EX2200, EX3200, EX4200,
EX4300 and EX4550
Feature Licenses2
EX4300-24-EFL
Enhanced Feature License (EFL) for EX4300-
24T and EX4300-24P
EX4300-48-EFL
Enhanced Feature License (EFL) for EX4300-
48T, EX4300-48T-AFI, EX4300-48T-DC,
EX4300-48T-AFI-DC, and EX4300-48P
EX4300-32F-EFL
Enhanced Feature License (EFL) for EX4300-
32F and EX4300-32F-DC
EX4300-24-AFL
Advanced Feature License (AFL) for EX4300-
24T and EX4300-24P
EX4300-48-AFL
Advanced Feature License (AFL) for EX4300-
48T, EX4300-48T-AFI, EX4300-48T-DC,
EX4300-48T-AFI-DC, and EX4300-48P
EX4300-32F-AFL
Advanced Feature License (AFL) for EX4300-
32F and EX4300-32F-DC
EX-QFX-MACSEC-
ACC3
MACsec Software License for EX4300 and
EX4200 Access Switches
Uplink Modules
EX-UM-4X4SFP
EX4300 4-port 1GbE/10GbE SFP+ Uplink
Module for EX4300-24T, EX4300-48T,
EX4300-48T-AFI, EX4300-48T-DC, EX4300-
48T-DC-AFI, EX4300-24P and EX4300-48P
EX-UM-8X8SFP
EX4300 8-port 1GbE/10GbE SFP+ Uplink
Module for EX4300-32F and EX4300-32F-DC
EX-UM-2QSFP
EX4300 2-port 40GbE QSFP+ Uplink Module
for EX4300-32F and EX4300-32F-DC
1
Each switch ships standard with one power supply (including a power cord for the
country to which it is being shipped), RJ-45 cable, RJ-45-to-DB-9 serial port adapter,
and a 19” rack-mount kit. A second power supply is optional to provide resiliency.
The appropriate power cord accompanying that power supply needs to be ordered
separately. Virtual Chassis cables must be ordered separately and can be for any of the
optics supported (40GbE DAC recommended for Virtual Chassis connections).
2
EFL includes license for OSPFv4/v6, PIM-SM/SSM/DM, IGMP v1/v2/v3 and VRF-Lite. AFL
includes license for IS-IS and BGP (EFL needs to be purchased and installed separately
before installing AFL).
3
Not available in Russia and CIS countries.
Power Supplies
JPSU-350-AC-
AFO
EX 4300 350 W AC power supply (power cord
needs to be ordered separately) (Front-to-back
airflow)
JPSU-350-AC-AFI
EX 4300 350 W AC power supply with airflow
in (power cord needs to be ordered separately)
(Back-to-front airflow)
JPSU-715-AC-AFO
EX 4300 715 W AC power supply (power cord
needs to be ordered separately) (Front-to-back
airflow)
JPSU-1100-AC-
AFO
EX 4300 1100 W AC power supply (power cord
needs to be ordered separately) (Front-to-back
airflow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com