전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EX4550 데이터시트(PDF) 2 Page - Juniper Networks, Inc.

부품명 EX4550
상세설명  Ethernet Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JUNIPER [Juniper Networks, Inc.]
홈페이지  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4550 데이터시트(HTML) 2 Page - Juniper Networks, Inc.

  EX4550 Datasheet HTML 1Page - Juniper Networks, Inc. EX4550 Datasheet HTML 2Page - Juniper Networks, Inc. EX4550 Datasheet HTML 3Page - Juniper Networks, Inc. EX4550 Datasheet HTML 4Page - Juniper Networks, Inc. EX4550 Datasheet HTML 5Page - Juniper Networks, Inc. EX4550 Datasheet HTML 6Page - Juniper Networks, Inc. EX4550 Datasheet HTML 7Page - Juniper Networks, Inc. EX4550 Datasheet HTML 8Page - Juniper Networks, Inc. EX4550 Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Data Sheet
EX4300 Ethernet Switch
Each EX4300 switch includes a single application-specific
integrated circuit (ASIC)-based Packet Forwarding Engine, the
EX-PFE. The integrated Routing Engine (RE) delivers all control
plane functionality. The EX4300 also leverages the same modular
Junos OS as other Juniper Networks switches, routers, and security
devices, ensuring a consistent implementation and operation of
control plane features across the Juniper Networks infrastructure.
Architecture and Key Components
The EX4300 switches are single rack unit devices that deliver
a compact solution for crowded wiring closets and access
switch locations where space and power are at a premium.
Each EX4300 supports standard 40GbE QSFP+ ports which are
preconfigured to support high-speed Virtual Chassis backplane
connections. These ports can also serve as uplinks to upstream
aggregation devices. In addition, each EX4300 supports an
optional front panel uplink module offering 1GbE or 10GbE
ports for high-speed backbone or link aggregation connections
between wiring closets and upstream aggregation switches.
Uplink modules can be installed without powering down the
switch, enabling users to add high-speed connectivity at any
time or migrate from one uplink type to the other, delivering the
ultimate in flexible, high-performance interconnectivity.
The EX4300 also features a front panel LCD that offers a flexible
interface for performing device bring-up and configuration
rollbacks, reporting switch alarm and LED status, or restoring the
switch to its default settings. When deployed as a member of a
Virtual Chassis configuration, the LCD also displays the switch’s
chassis “slot number” and RE status for rapid identification and
problem resolution.
The four integrated rear panel 40GbE QSFP+ ports support
EX4300 Virtual Chassis deployment over a 320 Gbps virtual
backplane. When deployed in close proximity such as in wiring
closets or in top-of-rack data center applications, the EX4300
switches can be securely connected using standard 40GbE QSFP+
DAC cables (available in 50 cm, 1 m, 3 m and 5m lengths).
Switches deployed in Virtual Chassis configurations spread over
larger areas can be interconnected using optical QSFP+ transceivers
such as the QSFP+ SR4, which supports distances up to 150 m.
A dedicated rear panel RJ-45 port is available for out-of-band
management, while a rear panel USB port can be used to easily
upload Junos OS and configuration files. In addition, a dedicated
front panel USB console port and a rear panel RJ-45 console port
offer flexible out-of-band console options.
Virtual Chassis Technology
Up to 10 EX4300 switches can be interconnected using Virtual
Chassis technology, creating a single logical device supporting
up to 480 10/100/1000BASE-T ports, plus up to 40 additional
10GbE and 40 additional 40GbE uplink ports. For mixed 1GbE and
10GbE access environments, the EX4300 can be interconnected
with the QFX3500, QFX3600 and QFX5100 high-performance
data center access switches. EX4300 Virtual Chassis
configurations can be created to support a variety of port and
density options for data center, campus and branch deployments.
Virtual Chassis connections can be formed using any of the
40GbE ports or 10GbE ports using standard DAC cables and
optics. The EX4300 does not support Virtual Chassis technology
on the GbE copper or fiber ports.
Virtual Chassis Deployments in Campus Wiring Closets
In campus wiring closets, flexible topologies can be created using
standard QSFP+ optics on the 40GbE ports to extend the Virtual
Chassis configuration across long distances spanning multiple
wiring closets, floors, or even buildings while using 10GbE or
40GbE for uplink connectivity. EX4300 fiber-based switches can
also be used for campus aggregation or small core deployments.
Figure 1: Using Virtual Chassis technology, up to 10 EX4300 switches can be interconnected to
create a single logical device spanning multiple wiring closets.
Closet 1
EX4300
Closet 2
EX4300
Access
Aggregation/
Core
10GbE/40GbE
uplinks
10/40GbE
40GbE Virtual
Chassis Port
10/40GbE
40GbE Virtual
Chassis Port
Closet 1
EX4300
EX4300-32F
Closet 2
EX4300
Access
Aggregation/
Core
10GbE/40GbE
uplinks
EX4300-32F
EX4300-32F
EX4300-32F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com