전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESDA6V1-5P6 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 ESDA6V1-5P6
상세설명  Transil??array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-5P6 데이터시트(HTML) 1 Page - STMicroelectronics

  ESDA6V1-5P6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1-5P6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1-5P6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1-5P6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1-5P6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1-5P6 Datasheet HTML 6Page - STMicroelectronics ESDA6V1-5P6 Datasheet HTML 7Page - STMicroelectronics ESDA6V1-5P6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
June 2006
Rev 2
1/8
8
ESDAxxxP6
ASD
Transil™ array for ESD protection
Main applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
■ Computers
■ Printers
■ Communication systems and cellular phones
■ Video equipment
These devices are particularly adapted to the
protection of symmetrical signals.
Features
■ 4 / 5 Unidirectional
(ESDA6V1P6 / ESDA6V1-5P6) and
Bidirectional (ESDA14V2BP6) Transil
functions
■ Breakdown voltage:
VBR = 6.1 V min. and 14.2 V min.
■ Low leakage current:
< 500 nA (ESDA6V1P6 / ESDA6V1-5P6)
< 1 µA (ESDA14V2BP6)
■ Very small PCB area < 2.6 mm2
Description
The ESDAxxxP6 are monolithic arrays designed
to protect up to 5 lines against ESD transients.
These devices are ideal for situations where both
reduced line capacitance and board space saving
are required.
Benefits
■ High ESD protection level
■ High integration
■ Suitable for high density boards
Complies with the following standards:
Order codes
Figure 1.
ESDA6V1P6 functional diagram
Figure 2.
ESDA6V1-5P6 functional diagram
Figure 3.
ESDA14V2BP6 functional diagram
TM: Transil is a trademark of STMicroelectronics
IEC61000-4-2 level 4:
15 kV (air discharge)
8 kV (contact discharge)
MIL STD 883E-Method 3015-7: class3
25 kV (Human Body Model)
Part Number
Marking
ESDA6V1P6
B
ESDA6V1-5P6
C
ESDA14V2BP6
A
SOT-666IP
(Internal pad)
ESDA6V1P6
ESDA6V1-5P6
SOT-666
ESDA14V2BP6
I/O1
I/O2
GND
GND
I/O4
I/O3
I/O1
I/O2
GND
I/O5
I/O4
I/O3
I/O1
I/O2
GND
I/O4
GND
I/O3
www.st.com


유사한 부품 번호 - ESDA6V1-5P6

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ESDA6V1-5P6 STMICROELECTRONICS-ESDA6V1-5P6 Datasheet
50Kb / 5P
TRANSIL™ ARRAY FOR ESD PROTECTION
Oct-2002
logo
Weitron Technology
ESDA6V1-5P6 WEITRON-ESDA6V1-5P6 Datasheet
840Kb / 7P
5-Line TVS Array
logo
STMicroelectronics
ESDA6V1-5P6 STMICROELECTRONICS-ESDA6V1-5P6 Datasheet
116Kb / 8P
Transil array for ESD protection
22-May-2007
More results

유사한 설명 - ESDA6V1-5P6

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ESDA25B1 STMICROELECTRONICS-ESDA25B1 Datasheet
41Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA6V1S3 STMICROELECTRONICS-ESDA6V1S3 Datasheet
65Kb / 7P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
Nov-2002
ESDA6V1-5W6 STMICROELECTRONICS-ESDA6V1-5W6 Datasheet
76Kb / 9P
TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6 Datasheet
40Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
Feb-2002
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
DSDA6V1-5P6 STMICROELECTRONICS-DSDA6V1-5P6 Datasheet
50Kb / 5P
TRANSIL™ ARRAY FOR ESD PROTECTION
Oct-2002
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6_04 Datasheet
55Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA25-4BP6 STMICROELECTRONICS-ESDA25-4BP6 Datasheet
116Kb / 8P
Transil array for ESD protection
22-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com