| 전자부품 데이터시트 검색엔진 |
|
ESDA6V1-5P6 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ESDA6V1-5P6 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 8 page ![]() ESDAxxxP6 Package information 5/8 3 Package information Figure 11. SOT-666 Footprint (dimensions in mm) Table 3. SOT-666 Dimensions Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 0.45 0.60 0.018 0.024 A3 0.08 0.18 0.003 0.007 b 0.17 0.34 0.007 0.013 b1 0.19 0.27 0.34 0.007 0.011 0.013 D 1.50 1.70 0.059 0.067 E 1.50 1.70 0.059 0.067 E1 1.10 1.30 0.043 0.051 e 0.50 0.020 L1 0.19 0.007 L2 0.10 0.30 0.004 0.012 L3 0.10 0.004 D b L3 L1 e b1 E1 L2 E A A3 0.50 2.60 0.62 0.30 0.99 |