전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM263P4 데이터시트(PDF) 34 Page - Texas Instruments

부품명 AM263P4
상세설명  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P4 데이터시트(HTML) 34 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 30Page - Texas Instruments AM263P4 Datasheet HTML 31Page - Texas Instruments AM263P4 Datasheet HTML 32Page - Texas Instruments AM263P4 Datasheet HTML 33Page - Texas Instruments AM263P4 Datasheet HTML 34Page - Texas Instruments AM263P4 Datasheet HTML 35Page - Texas Instruments AM263P4 Datasheet HTML 36Page - Texas Instruments AM263P4 Datasheet HTML 37Page - Texas Instruments AM263P4 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 164 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued)
ZCZ_C
BALL
NUMBE
R [1]
ZCZ_S
BALL
NUMBE
R [1]
ZCZ_F
BALL
NUMBE
R [1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
H17
H17
H17
PR0_PRU0_GPIO13
PR0_PRU0_GPIO13_CFG_REG
0x5310 0194
0x0000 05F7
PR0_PRU0_GPIO13
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
RGMII2_TD2
3
O
MII2_TXD2
4
O
EPWM29_A
5
O
GPIO101
7
IO
EPWM27_B
10
O
H16
H16
H16
PR0_PRU0_GPIO14
PR0_PRU0_GPIO14_CFG_REG
0x5310 0198
0x0000 05F7
PR0_PRU0_GPIO14
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
RGMII2_TD3
3
O
MII2_TXD3
4
O
EPWM29_B
5
O
GPIO102
7
IO
EPWM29_B
10
O
L16
L16
L16
PR0_PRU0_GPIO15
PR0_PRU0_GPIO15_CFG_REG
0x5310 0188
0x0000 05F7
PR0_PRU0_GPIO15
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
RMII2_TX_EN
2
O
RGMII2_TX_CTL
3
O
MII2_TX_EN
4
O
EPWM27_B
5
O
GPIO98
7
IO
H18
H18
H18
PR0_PRU0_GPIO16
PR0_PRU0_GPIO16_CFG_REG
0x5310 0184
0x0000 05F7
PR0_PRU0_GPIO16
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
RGMII2_TXC
3
O
MII2_TXCLK
4
I
EPWM27_A
5
O
GPIO97
7
IO
EPWM27_A
10
O
F18
F18
F18
PR0_PRU1_GPIO0
PR0_PRU1_GPIO0_CFG_REG
0x5310 01B4
0x0000 05F7
PR0_PRU1_GPIO0
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN1_RX
1
I
FSITX2_DATA1
3
O
TRC_DATA6
4
O
GPIO109
7
IO
EPWM23_A
10
O
G16
G16
G16
PR0_PRU1_GPIO1
PR0_PRU1_GPIO1_CFG_REG
0x5310 01B8
0x0000 05F7
PR0_PRU1_GPIO1
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN1_TX
1
O
FSIRX2_CLK
3
I
TRC_DATA7
4
O
GPIO110
7
IO
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More