전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM263P4 데이터시트(PDF) 76 Page - Texas Instruments

부품명 AM263P4
상세설명  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P4 데이터시트(HTML) 76 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 72Page - Texas Instruments AM263P4 Datasheet HTML 73Page - Texas Instruments AM263P4 Datasheet HTML 74Page - Texas Instruments AM263P4 Datasheet HTML 75Page - Texas Instruments AM263P4 Datasheet HTML 76Page - Texas Instruments AM263P4 Datasheet HTML 77Page - Texas Instruments AM263P4 Datasheet HTML 78Page - Texas Instruments AM263P4 Datasheet HTML 79Page - Texas Instruments AM263P4 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 164 page
background image
6.5 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
VDD
1.2V SOC Core Supply
1.140
1.200
1.260
V
VDDAR1, VDDAR2,
VDDAR3
SRAM Array Supplies
1.140
1.200
1.260
V
VDDS18
1.8V IO Bias Supply from Bias LDO routed through board
1.710
1.800
1.890
V
VDDS33
3.3V IO Supply
3.135
3.300
3.465
V
VDDA18_OSC_PLL
1.8V Analog supply for PLL. Routed from the Analog LDO
out through board
1.710
1.800
1.890
V
VDDA33
Analog 3.3V Supply
3.135
3.300
3.465
V
VDDA18
1.8V Analog supply. Routed from 1.8V Analog LDO out
through Board
1.710
1.800
1.890
V
TA
Free-air temperature
Extended
Automotive
–40
125
°C
TJ
Operating junction temperature range
Industrial
–40
105
°C
Extended
Automotive
Special Features -
C, S
–40
150
°C
Extended
Automotive
Special Features -
F
–40
125
°C
6.6 Operating Performance Points
This section describes the operating conditions of the device. This section also contains the description of each Operating
Performance Point (OPP) for processor clocks, device core clocks, and available memory.
DEVICE
GRADE
RAM
(MB)
R5FSS
(MHz)
HSM
(MHz)
ICSS
(MHz)
INFRA(1)
(MHz)
AM263Px
N
2
400
200
200
200
AM263Px
O
3
400
200
200
200
AM263Px
P
3
200
200
200
200
(1)
Infrastructure includes all other modules and IP integrated in the device (such as CBASS/Interconnect and other SoC level peripherals)
unless otherwise noted in the table.
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
76
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com