전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9995KCPRL 데이터시트(PDF) 30 Page - Analog Devices

부품명 AD9995KCPRL
상세설명  12-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9995KCPRL 데이터시트(HTML) 30 Page - Analog Devices

Back Button AD9995KCPRL Datasheet HTML 26Page - Analog Devices AD9995KCPRL Datasheet HTML 27Page - Analog Devices AD9995KCPRL Datasheet HTML 28Page - Analog Devices AD9995KCPRL Datasheet HTML 29Page - Analog Devices AD9995KCPRL Datasheet HTML 30Page - Analog Devices AD9995KCPRL Datasheet HTML 31Page - Analog Devices AD9995KCPRL Datasheet HTML 32Page - Analog Devices AD9995KCPRL Datasheet HTML 33Page - Analog Devices AD9995KCPRL Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
AD9995
–30–
AD9995
–31–
DRAFT IMAGE
SERIAL
WRITES
VD
VSG
SUBCK
STROBE
MSHUT
MECHANICAL
SHUTTER
VSUB
CCD
OUT
1
9
10
8
7
6
2
tEXP
4
5
3
OPEN
CLOSED
MODE 0
MODE 1
10
10
10
OPEN
STILL IMAGE 3RD FIELD
STILL IMAGE 2ND FIELD
STILL IMAGE 1ST FIELD
DRAFT IMAGE
DRAFT IMAGE
STILL IMAGE READOUT
Figure 32. Example of Exposure and Still Image Readout Using Shutter Signals and Mode Register
1. Write to the READOUT register (Addr. 0x61) to specify
the number of fields to further suppress SUBCK while the
CCD data is read out. In this example, READOUT = 3.
Write to the EXPOSURE register (Addr. 0x62) to specify
the number of fields to suppress SUBCK and VSG outputs
during exposure. In this example, EXPOSURE = 1.
Write to the TRIGGER register (Addr. 0x60) to enable the
STROBE, MSHUT, and VSUB signals, and to start the
exposure/readout operation.To trigger all of these events (as
in Figure 32), set the register TRIGGER = 31. Readout will
automatically occur after the exposure period is finished.
Write to the MODE register (Addr. 0x1B) to configure the
next five fields.The first two fields during exposure are the
same as the current draft mode fields, and the following
three fields are the still frame readout fields.The registers
for the Draft mode field and the three readout fields have
already been programmed.
2. VD/HD falling edge will update the serial writes from 1.
3. If VSUB mode = 0 (Addr. 0x67),VSUB output turns on at
the line specified in the VSUBON register (Addr. 0x68).
4. STROBE output turns on and off at the location specified
in the STROBEON and OFF registers (Addr. 0x6E to
Addr. 0x71).
5. MSHUT output turns off at the location specified in the
MSHUTOFF registers (Addr. 0x6B and 0x6C).
6. The next VD falling edge will automatically start the first
readout field.
7. The next VD falling edge will automatically start the second
readout field.
8. The next VD falling edge will automatically start the third
readout field.
9. Write to the MODE register to reconfigure the single Draft
mode field timing.
Write to the MSHUTON register (Addr. 0x6A) to open the
mechanical shutter.
10. VD/HD falling edge will update the serial write from 9.
VSG outputs return to Draft mode timing.
SUBCK output resumes operation.
MSHUT output returns to the on position (active or open).
VSUB output returns to the off position (inactive).
EXPOSURE AND READOUT EXAMPLE
REV. 0
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com