전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9995KCPRL 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9995KCPRL
상세설명  12-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9995KCPRL 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9995KCPRL Datasheet HTML 2Page - Analog Devices AD9995KCPRL Datasheet HTML 3Page - Analog Devices AD9995KCPRL Datasheet HTML 4Page - Analog Devices AD9995KCPRL Datasheet HTML 5Page - Analog Devices AD9995KCPRL Datasheet HTML 6Page - Analog Devices AD9995KCPRL Datasheet HTML 7Page - Analog Devices AD9995KCPRL Datasheet HTML 8Page - Analog Devices AD9995KCPRL Datasheet HTML 9Page - Analog Devices AD9995KCPRL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
AD9995
–6–
PIN CONFIGURATION
TOP VIEW
AD9995
PIN 1
IDENTIFIER
42 SDI
41 SL
40 REFB
39 REFT
38 AVSS
37 CCDIN
36 AVDD
35 CLI
34 CLO
33 TCVDD
D5 1
D6 2
D7 3
D8 4
D9 5
D10 6
(MSB) D11 7
DRVDD 8
DRVSS 9
VSUB 10
SUBCK 11
V1 12
V2 13
V3 14
32 TCVSS
31 RGVDD
30 RG
29 RGVSS
Pin
Mnemonic Type2 Description
1
D5
DO
Data Output
2
D6
DO
Data Output
3
D7
DO
Data Output
4
D8
DO
Data Output
5
D9
DO
Data Output
6
D10
DO
Data Output
7
D11
DO
Data Output (MSB)
8
DRVDD
P
Data Output Driver Supply
9
DRVSS
P
Data Output Driver Ground
10
VSUB
DO
CCD Substrate Bias
11
SUBCK
DO
CCD Substrate Clock (E-Shutter)
12
V1
DO
CCD Vertical Transfer Clock 1
13
V2
DO
CCD Vertical Transfer Clock 2
14
V3
DO
CCD Vertical Transfer Clock 3
15
V4
DO
CCD Vertical Transfer Clock 4
16
V5
DO
CCD Vertical Transfer Clock 5
17
V6
DO
CCD Vertical Transfer Clock 6
18
VSG1
DO
CCD Sensor Gate Pulse 1
19
VSG2
DO
CCD Sensor Gate Pulse 2
20
VSG3
DO
CCD Sensor Gate Pulse 3
21
VSG4
DO
CCD Sensor Gate Pulse 4
22
VSG5
DO
CCD Sensor Gate Pulse 5
23
H1
DO
CCD Horizontal Clock 1
24
H2
DO
CCD Horizontal Clock 2
25
HVSS
P
H1–H4 Driver Ground
26
HVDD
P
H1–H4 Driver Supply
27
H3
DO
CCD Horizontal Clock 3
28
H4
DO
CCD Horizontal Clock 4
29
RGVSS
P
RG Driver Ground
30
RG
DO
CCD Reset Gate Clock
31
RGVDD
P
RG Driver Supply
32
TCVSS
P
Analog Ground for Timing Core
33
TCVDD
P
Analog Supply for Timing Core
34
CLO
DO
Clock Output for Crystal
35
CLI
DI
Reference Clock Input
Pin
Mnemonic Type2 Description
36
AVDD
P
Analog Supply for AFE
37
CCDIN
AI
CCD Signal Input
38
AVSS
P
Analog Ground for AFE
39
REFT
AO
Voltage Reference Top Bypass
40
REFB
AO
Voltage Reference Bottom Bypass
41
SL
DI
3-Wire Serial Load Pulse
42
SDI
DI
3-Wire Serial Data Input
43
SCK
DI
3-Wire Serial Clock
44
MSHUT
DO
Mechanical Shutter Pulse
45
STROBE
DO
Strobe Pulse
46
SYNC
DI
External System Sync Input
47
VD
DIO
Vertical Sync Pulse
(Input for Slave Mode,
Output for Master Mode)
48
DVSS
P
Digital Ground
49
DVDD
P
Power Supply for VSG,V1–V6,
HD/VD, MSHUT, STROBE,
SYNC, and Serial Interface
50
HD
DIO
Horizontal Sync Pulse
(Input for Slave Mode, Output for
Master Mode)
51
DCLK
DO
Data Clock Output
52
D0
DO
Data Output (LSB)
53
D1
DO
Data Output
54
D2
DO
Data Output
55
D3
DO
Data Output
56
D4
DO
Data Output
NOTES
1See Figure 38 for circuit configuration.
2AI = Analog Input, AO = Analog Output, DI = Digital Input,
DO = Digital Output, DIO = Digital Input/Output, P = Power.
PIN FUNCTION DESCRIPTIONS1
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com