전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

33884 데이터시트(PDF) 5 Page - Freescale Semiconductor, Inc

부품명 33884
상세설명  Switch Monitor Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33884 데이터시트(HTML) 5 Page - Freescale Semiconductor, Inc

  33884 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33884
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
Power Supply Voltage
CS, SI, SO, SCLK, RST, MASL, SYNC, INT (1)
VDD
-0.3 to 7.0
VDC
VPWR Supply Voltage
(1)
VPWR
-16 to 50
VDC
Switch Input Voltage Range
VSI
-14 to 40
VDC
Recommended Frequency of SPI Operation
fSPI
3.0
MHz
ESD Voltage (2)
Human Body Model (3) (4)
Machine Model (3) (5)
VESD1
VESD2
4000
200
V
Storage Temperature
TSTG
-55 to 150
°C
Operating Case Temperature
TC
-40 to 105
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Peak Package Reflow Temperature During Reflow (6), (7)
TPPRT
Note 7.
°C
Thermal Resistance (Junction-to-Ambient)
P
θ
J-A
107
°C/W
Notes
1
Exceeding these limits may cause malfunction or permanent damage to the device.
2
ESD data available upon request.
3
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω) and ESD2 testing is performed
in accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
4
All pins are tested individually.
5
1 kV on VPWR and VDD when connected together. See page three.
6
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
7.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com