| 전자부품 데이터시트 검색엔진 |
|
33884 데이터시트(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
33884 데이터시트(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 21 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 13 33884 FUNCTIONAL DEVICE OPERATION LOGIC COMMANDS AND REGISTERS LOGIC COMMANDS AND REGISTERS PROGRAMMING AND CONFIGURATION DESCRIPTION SPI Commands from Microcontroller / Command Protocol (Data into SI) SLEEP COMMAND The Sleep command places the IC in Sleep mode and essentially turns the part OFF. By definition, a hardware reset sends/keeps the IC in Sleep mode. All inputs are Tri-Stated, disabling all input blocks and all internal pull-ups/pull downs. Only a SPI command can take the IC out of Sleep mode. Exiting this mode requires a valid Run, Tri-State, or Metallic command. Table 5. SPI Command Protocol MSB LSB Command 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 Sleep (Default) 0 0 0 0 x x x x x x x x x x x x Run 0 0 0 1 MOD2 MOD1 ST3 ST2 ST1 — WT2 WT1 CP4 CP3 CP2 CP1 Tri-State 0 0 1 1 TG6 TG5 TG4 TG3 TG2 TG1 TP4 TP3 TP2 TP1 TB2 TB1 Metallic 0 1 0 1 MG6 MG5 MG4 MG3 MG2 MG1 MP4 MP3 MP2 MP1 MB2 MB1 IC Test Mode 1 x x x x x x x x x x x x x x x Reset Values: Run Register — — — — U U U U U U U U U U U U Tri-State Register — — — — 0 0 0 0 0 0 0 0 0 0 0 0 Metallic Register — — — — U U U U U U U U U U U U U =Unknown value coming out of Sleep mode. It be must configured with Run and Metallic commands. Note: the remaining combinations of bits [16;13] are non-functional (0010. 0100. 0110. 0111). MOD[2:1] = Operating mode CP[4:1] = Configure programmable switch TG[6:1] = Tri-State switch-to-ground TB[2:1] = Tri-State switch-to-battery TP[4:1] = Tri-State programmable switch ST[3:1] = Sample OFF time WT[3:1] = Wake up time MG[6:1] = Metallic switch-to-ground MB[2:1] = Metallic switch-to-battery MP[4:1] = Metallic programmable switch Table 6. Sleep Command MSB LSB Command 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 Sleep (Default) 0 0 0 0 x x x x x x x x x x x x |