| 전자부품 데이터시트 검색엔진 |
|
MPC826XACVR 데이터시트(PDF) 42 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC826XACVR 데이터시트(HTML) 42 Page - Freescale Semiconductor, Inc |
|
42 / 52 page ![]() MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 1.1 42 Freescale Semiconductor Pinout PA22/FCC1_UT8_TXD3/FCC1_UT16_TXD11 AF122 PA23/FCC1_UT8_TXD2/FCC1_UT16_TXD10 AG112 PA24/FCC1_UT8_TXD1/FCC1_UT16_TXD9/MSNUM1 AH92 PA25/FCC1_UT8_TXD0/FCC1_UT16_TXD8/MSNUM0 AJ82 PA26/FCC1_UTM_RXCLAV/FCC1_UTS_RXCLAV/FCC1_MII_RX_ER AH72 PA27/FCC1_UT_RXSOC/FCC1_MII_RX_DV AF72 PA28/FCC1_UTM_RXENB/FCC1_UTS_RXENB/FCC1_MII_TX_EN AD52 PA29/FCC1_UT_TXSOC/FCC1_MII_TX_ER AF12 PA30/FCC1_UTM_TXCLAV/FCC1_UTS_TXCLAV/FCC1_MII_CRS/ FCC1_RTS AD32 PA31/FCC1_UTM_TXENB/FCC1_UTS_TXENB/FCC1_MII_COL AB52 PB4/FCC3_TXD3/FCC2_UT8_RXD0/L1RSYNCA2/FCC3_RTS AD282 PB5/FCC3_TXD2/FCC2_UT8_RXD1/L1TSYNCA2/L1GNTA2 AD262 PB6/FCC3_TXD1/FCC2_UT8_RXD2/L1RXDA2/L1RXD0A2 AD252 PB7/FCC3_TXD0/FCC3_TXD/FCC2_UT8_RXD3/L1TXDA2/L1TXD0A2 AE262 PB8/FCC2_UT8_TXD3/FCC3_RXD0/FCC3_RXD/TXD3/L1RSYNCD1 AH272 PB9/FCC2_UT8_TXD2/FCC3_RXD1/L1TXD2A2/L1TSYNCD1/L1GNTD1 AG242 PB10/FCC2_UT8_TXD1/FCC3_RXD2/L1RXDD1 AH242 PB11/FCC3_RXD3/FCC2_UT8_TXD0/L1TXDD1 AJ242 PB12/FCC3_MII_CRS/L1CLKOB1/L1RSYNCC1/TXD2 AG222 PB13/FCC3_MII_COL/L1RQB1/L1TSYNCC1/L1GNTC1/L1TXD1A2 AH212 PB14/FCC3_MII_TX_EN/RXD3/L1RXDC1 AG202 PB15/FCC3_MII_TX_ER/RXD2/L1TXDC1 AF192 PB16/FCC3_MII_RX_ER/L1CLKOA1/CLK18 AJ182 PB17/FCC3_MII_RX_DV/L1RQA1/CLK17 AJ172 PB18/FCC2_UT8_RXD4/FCC2_RXD3/L1CLKOD2/L1RXD2A2 AE142 PB19/FCC2_UT8_RXD5/FCC2_RXD2/L1RQD2/L1RXD3A2 AF132 PB20/FCC2_UT8_RXD6/FCC2_RXD1/L1RSYNCD2/L1TXD1A1 AG122 PB21/FCC2_UT8_RXD7/FCC2_RXD0/FCC2_RXD/L1TSYNCD2/L1GNTD2/ L1TXD2A1 AH112 PB22/FCC2_UT8_TXD7/FCC2_TXD0/FCC2_TXD/L1RXD1A1/L1RXDD2 AH162 PB23/FCC2_UT8_TXD6/FCC2_TXD1/L1RXD2A1/L1TXDD2 AE152 PB24/FCC2_UT8_TXD5/FCC2_TXD2/L1RXD3A1/L1RSYNCC2 AJ92 PB25/FCC2_UT8_TXD4/FCC2_TXD3/L1TSYNCC2/L1GNTC2/L1TXD3A1 AE92 PB26/FCC2_MII_CRS/FCC2_UT8_TXD1/L1RXDC2 AJ72 Table 20. Pinout List (continued) Pin Name Ball |