| 전자부품 데이터시트 검색엔진 |
|
MPC8270CVRT 데이터시트(PDF) 43 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270CVRT 데이터시트(HTML) 43 Page - Freescale Semiconductor, Inc |
|
43 / 80 page ![]() MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7 Freescale Semiconductor 43 Pinout 8 Pinout This section provides the pin assignments and pinout lists for both HiP7 PowerQUICC II packages. 8.1 ZU Package—MPC8280 and MPC8270 The following figures and table represent the standard 480 TBGA package. For information on the alternate package, refer to Section 8.2, “VR and ZQ Packages—MPC8275 and MPC8270,” on page -58. Figure 13 shows the pinout of the ZU package as viewed from the top surface. Figure 13. Pinout of the 480 TBGA Package (View from Top) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 Not to Scale 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ |