| 전자부품 데이터시트 검색엔진 |
|
MPC8270CVRT 데이터시트(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270CVRT 데이터시트(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 80 page ![]() MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7 Freescale Semiconductor 49 Pinout PWE5/PSDDQM5/PBS5 A26 PWE6/PSDDQM6/PBS6 B25 PWE7/PSDDQM7/PBS7 A25 PSDA10/PGPL0 E23 PSDWE/PGPL1 B24 POE/PSDRAS/PGPL2 A24 PSDCAS/PGPL3 B23 PGTA/PUPMWAIT/PGPL4/PPBS A23 PSDAMUX/PGPL5 D22 LWE0/LSDDQM0/LBS0/PCI_CFG0 H28 LWE1/LSDDQM1/LBS1/PCI_CFG1 H27 LWE2/LSDDQM2/LBS2/PCI_CFG2 H26 LWE3/LSDDQM3/LBS3/PCI_CFG3 G29 LSDA10/LGPL0/PCI_MODCKH0 D27 LSDWE/LGPL1/PCI_MODCKH1 C28 LOE/LSDRAS/LGPL2/PCI_MODCKH2 E26 LSDCAS/LGPL3/PCI_MODCKH3 D25 LGTA/LUPMWAIT/LGPL4/LPBS C26 LGPL5/LSDAMUX/PCI_MODCK B27 LWR D28 L_A14/PAR N27 L_A15/FRAME/SMI T29 L_A16/TRDY R27 L_A17/IRDY/CKSTP_OUT R26 L_A18/STOP R29 L_A19/DEVSEL R28 L_A20/IDSEL W29 L_A21/PERR P28 L_A22/SERR N26 L_A23/REQ0 AA27 L_A24/REQ1/HSEJSW P29 L_A25/GNT0 AA26 L_A26/GNT1/HSLED N25 Table 21. MPC8280 and MPC8270 (ZU Package) Pinout List (continued) Pin Name Ball MPC8280/MPC8270 MPC8280 only |