전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA5753 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 SA5753
상세설명  Audio processor - filter and control section
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5753 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button SA5753 Datasheet HTML 3Page - NXP Semiconductors SA5753 Datasheet HTML 4Page - NXP Semiconductors SA5753 Datasheet HTML 5Page - NXP Semiconductors SA5753 Datasheet HTML 6Page - NXP Semiconductors SA5753 Datasheet HTML 7Page - NXP Semiconductors SA5753 Datasheet HTML 8Page - NXP Semiconductors SA5753 Datasheet HTML 9Page - NXP Semiconductors SA5753 Datasheet HTML 10Page - NXP Semiconductors SA5753 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Philips Semiconductors
Product specification
SA5753
Audio processor – filter and control section
1997 Nov 07
7
Cordless Telephone Applications
For cordless telephone applications, a switch S12 is provided
(R5B0) to route data through the complete transmit path while
inhibiting the voice channel. In the receive path, a quick access
mode is provided through the I2C to disable both EAROUT and
SPKROUT, by setting R0B0 and R0B1, when data is detected at the
DEMPOUT pin (Pin 7).
I2C CHARACTERISTICS
The I2C bus is for 2-way, 2-line communication between different
ICs or modules. The two lines are a serial data line (SDA) and a
serial clock line (SCL). Both SDA and SCL are bidirectional lines
connected to a positive supply voltage via a pull-up resistor. When
the bus is free, both lines are HIGH. Data transfer may be initiated
only when the bus is not busy (both lines HIGH).
The output devices, or stages, connected to the bus must have an
open drain or open collector output in order to perform the
wired-AND function.
Data at the I2C bus can be transferred at a rate up to 100kbits/s.
The number of devices connected to the bus is solely dependent on
the maximum allowed bus capacitance of 400pF.
For devices operating over a wide range of supply voltages, such as
the SA5753, the following levels have been defined for a logical
LOW and HIGH;
VILMAX = 0.3VDD (max. input LOW voltage)
VIHMIN = 0.7VDD (min. input HIGH voltage)
Data Transfer
Data is transferred from a transmitting device to a receiving device
with one data bit transferred during each clock pulse on the SCL
line. The transmitter also generates the clock once arbitration has
given it control of the SCL line. The data on the SDA line must
remain stable during the HIGH period of the clock cycle, otherwise it
may be interpreted as a control signal.
Start and Stop Conditions
Both data and clock lines remain HIGH when the bus is not busy. A
HIGH to LOW transition of the data line while the clock line is HIGH
is defined as a start condition. A LOW to HIGH transition of the data
line while the clock is HIGH is defined as a stop condition.
Acknowledgement
Following each byte of data transfered, the receiver must
acknowledge successful reception. To do this the transmitter
releases the SDA line (allowing it to go HIGH) at the end of each
transmitted byte, and it is pulled LOW by the receiver. If this
condition is maintained during the next HIGH period of the clock
pulse (called the acknowledge clock pulse) then data transfer is
resumed. If the receiver does not pull the SDA line LOW, the
transmitter will abort the transfer.
I2C Bus Data Configurations
The SA5753 is always a slave receiver in the I2C bus configuration).
The slave address consists of eight bits in the serial mode and is
internally fixed.
Control Registers
The control register bit map is shown below. Either a quick access
or normal address mode can be used, determined by the two MSB
bits in the first word following the SA5753 address word. If the quick
access mode is used, the registers R0 or R1 can be updated by
sending only two bytes of information (address plus update). If R0
or R1 are updated using the address mode, then B7 and B6 of the
data word are ignored. In all access modes, incremental register
addressing is supported with following words updating the next
register until a ‘stop’ bit is sent.
High Tone DTMF Register
MSB
LSB
HD7 HD6 HD5 HD4 HD3 HD2 HD1 HD0
The eight bits determine the output frequency by the following
formula.:
High Frequency = 1200kHz/6/HD
where HD is the value of the register.
Low Tone DTMF Register
MSB
LSB
LD7 LD6 LD5 LD4 LD3 LD2 LD1 LD0
The eight bits determine the output frequency by the following
formula.:
Low Frequency = 1200kHz/14/LD
where LD is the value of the register.
The operation of the 96ms DTMF timer is initiated by the loading of
the low tone DTMF register. This timer terminates transmission of
the tones as the generated tones cross the reference level after
96ms. The on time of the tones can thus vary by up to one cycle of
the tones.
Continuous tones can be obtained by again loading DTC = 1 in R1,
bit 5.
Single tones can be obtained by loading 2 into the unused tone
register to silence it.
Loading a value of 1 or 0 into the registers will default the register
value to 257 or 256 for high tone or low tone, respectively.
Phase continuous frequency modulation can be produced by loading
a new value into a DTMF register during continuous operation
(DTC=1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com