전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALQP-DMDF-ER 데이터시트(PDF) 1 Page - Infinite Electronics International, Inc.

부품명 ALQP-DMDF-ER
상세설명  7/16 DIN M/F Quarter Wave RF Protector, DC to 4.5GHz, Low PIM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  L-COM [Infinite Electronics International, Inc.]
홈페이지  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ALQP-DMDF-ER 데이터시트(HTML) 1 Page - Infinite Electronics International, Inc.

  ALQP-DMDF-ER Datasheet HTML 1Page - Infinite Electronics International, Inc. ALQP-DMDF-ER Datasheet HTML 2Page - Infinite Electronics International, Inc. ALQP-DMDF-ER Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L-com, Inc. • 50 High St., West Mill, 3rd Floor, Suite #30 North Andover, MA 01845
Phone: 1-800-343-1455 • sales@L-com.com
© 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Features
•
Extended Range Broadband Performance from 555 to
4,500 MHz
•
DC Block Topology
•
Repetitive Strike Protection
•
Low PIM
Applications
•
CBRS Networks
• Cellular
•
Distributed Antenna Systems
(DAS)
•
Emergency Response Systems
•
Public Safety Systems
.
Description
RF surge protector (also known as lightning arrestor) ALQP-DMDF-ER from L-Com utilizing a quarter wave stub design to
protect critical hardware while maintaining the RF performance. This RF surge protector component is manufactured in a
coaxial in-line design with wide operating frequency range. L-Com RF surge protector products are available in stock with
same day shipping.
Electrical Specifications
Surge Protector Type
Quarter Wave Stub
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.555
4.5
GHz
Impedance
50
Ohms
VSWR
1.18:1
Insertion Loss
0.1
dB
Passive Intermodulation
160
dBc
Input Power, CW
200
Watts
Surge Current
50
kA
IEC 61000-4-5 8/20µs
.
Mechanical Specifications
Size
Length
2.87 in [72.9 mm]
Width/Diameter
0.98 in [24.89 mm]
Height
1.47 in [37.34 mm]
.
Weight
0.5 lbs [226.8 g]
Housing Material and Plating
Brass, Tri-Metal
Configuration
Input Connector
7/16 DIN Male
Output Connector
7/16 DIN Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and
certifications: 7/16 DIN M/F Quarter Wave RF Protector, DC to 4.5GHz, Low PIM ALQP-DMDF-ER
ALQP-DMDF-ER REV 1.0
RF Surge Protectors Technical Data Sheet
ALQP-DMDF-ER
7/16 DIN M/F Quarter Wave RF Protector, DC to 4.5GHz, Low PIM


유사한 부품 번호 - ALQP-DMDF-ER

제조업체부품명데이터시트상세설명
logo
Infinite Electronics In...
ALQP-DMDFB L-COM-ALQP-DMDFB Datasheet
40Kb / 1P
7/16 DIN MALE TO 7/16 DIM FEMALE BULKHEAD PIM RATED LIGHTNING PROTECTOR
09/30/15
More results

유사한 설명 - ALQP-DMDF-ER

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE91028 PASTERNACK-PE91028 Datasheet
362Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91029 PASTERNACK-PE91029 Datasheet
353Kb / 3P
Precision 7/16 DIN Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91038 PASTERNACK-PE91038 Datasheet
366Kb / 3P
Precision 7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter Low PIM, Low VSWR
PE91039 PASTERNACK-PE91039 Datasheet
360Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Male Adapter Low PIM, Low VSWR
PE3C2015 PASTERNACK-PE3C2015 Datasheet
367Kb / 4P
7 - 16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax, RoHS
PE73SP1005 PASTERNACK-PE73SP1005 Datasheet
214Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1006 PASTERNACK-PE73SP1006 Datasheet
214Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1007 PASTERNACK-PE73SP1007 Datasheet
219Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1008 PASTERNACK-PE73SP1008 Datasheet
233Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1034 PASTERNACK-PE73SP1034 Datasheet
250Kb / 3P
7/16 M/F In/Out Coax RF Surge Protector
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com