전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALQP-DMDF-ER 데이터시트(PDF) 2 Page - Infinite Electronics International, Inc.

부품명 ALQP-DMDF-ER
상세설명  7/16 DIN M/F Quarter Wave RF Protector, DC to 4.5GHz, Low PIM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  L-COM [Infinite Electronics International, Inc.]
홈페이지  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ALQP-DMDF-ER 데이터시트(HTML) 2 Page - Infinite Electronics International, Inc.

  ALQP-DMDF-ER Datasheet HTML 1Page - Infinite Electronics International, Inc. ALQP-DMDF-ER Datasheet HTML 2Page - Infinite Electronics International, Inc. ALQP-DMDF-ER Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L-com, Inc. • 50 High St., West Mill, 3rd Floor, Suite #30 North Andover, MA 01845
Phone: 1-800-343-1455 • sales@L-com.com
© 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Our portfolio includes cable assemblies, connectors, adapters and custom products, as well as their wireless product line
which includes antennas, RF amplifiers, coaxial lightning and surge protectors, and NEMA rated enclosures.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN M/F Quarter Wave RF Protector, DC to 4.5GHz, Low PIM ALQP-DMDF-ER
URL: https://www.l-com.com/7-16-din-surge-protector-4.5ghz-quarter-alqp-dmdf-er-p.aspx
RF Surge Protectors Technical Data Sheet
ALQP-DMDF-ER
ALQP-DMDF-ER REV 1.0
7/16 DIN M/F Quarter Wave RF Protector, DC to 4.5GHz, Low PIM



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com