| 전자부품 데이터시트 검색엔진 |
|
B32321 데이터시트(PDF) 4 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B32321 데이터시트(HTML) 4 Page - EPCOS |
|
4 / 6 page ![]() AC Film Capacitors B 32 321 / ...23 Motor Run UL Series – Construction Only Issue No. 2 07/01 Page 4 of 6 Ordering codes and packing units UN Vac CN µF Max. dimensions d x l (mm) B32321/23 Ordering code Packing unit (pcs.) 250 4 30 x 62 B323**-C1405-+0$0 112 5 30 x 62 B323**-C1505-+0$0 112 6 30 x 62 B323**-C1605-+0$0 112 7 30 x 62 B323**-C1705-+0$0 112 8 30 x 62 B323**-C1805-+0$0 112 9 30 x 62 B323**-C1905-+0$0 112 10 30 x 62 B323**-C1103-+0$0 112 12 30 x 62 B323**-C1126-+0$0 112 15 30 x 62 B323**-C1156-+0$0 112 20 35 x 62 B323**-C1206-+0$0 84 25 35 x 71 B323**-C1256-+0$0 84 30 35 x 71 B323**-C1306-+0$0 84 35 40 x 71 B323**-C1356-+0$0 45 40 40 x 71 B323**-C1406-+0$0 45 45 40 x 71 B323**-C1456-+0$0 45 50 40 x 98 B323**-C1506-+0$0 45 55 40 x 98 B323**-C1556-+0$0 45 60 40 x 98 B323**-C1606-+0$0 45 |