전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B32321 데이터시트(PDF) 5 Page - EPCOS

부품명 B32321
상세설명  AC Film Capacitors Motor Run UL Series - Construction Only
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B32321 데이터시트(HTML) 5 Page - EPCOS

  B32321 Datasheet HTML 1Page - EPCOS B32321 Datasheet HTML 2Page - EPCOS B32321 Datasheet HTML 3Page - EPCOS B32321 Datasheet HTML 4Page - EPCOS B32321 Datasheet HTML 5Page - EPCOS B32321 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AC Film Capacitors
B 32 321 / ...23
Motor Run
UL Series – Construction Only
Issue No. 2
07/01
Page 5 of 6
UN
Vac
CN
µF
Max. dimensions
d x l (mm)
B32321/23
Ordering code
Packing unit (pcs.)
400
2
30 x 62
B323**-B4205-+0$0
112
3
30 x 62
B323**-B4305-+0$0
112
4
30 x 62
B323**-B4405-+0$0
112
5
30 x 62
B323**-B4505-+0$0
112
6
30 x 62
B323**-B4605-+0$0
112
7
35 x 62
B323**-B4705-+0$0
84
8
35 x 62
B323**-B4805-+0$0
84
10
35 x 62
B323**-B4106-+0$0
84
12
35 x 71
B323**-B4126-+0$0
84
15
40 x 71
B323**-B4156-+0$0
45
20
40 x 71
B323**-B4206-+0$0
45
25
40 x 98
B323**-B4256-+0$0
45
30
40 x 98
B323**-B4306-+0$0
45
35
45 x 95
B323**-A4356-+0$0
45
40
45 x 95
B323**-A4406-+0$0
45
45
50 x 95
B323**-A4456-+0$0
32
50
50 x 95
B323**-A4506-+0$0
32



Html Pages

1 2 3 4 5 6