전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK6510C 데이터시트(PDF) 5 Page - Asahi Kasei Microsystems

부품명 AK6510C
상세설명  SPI bus 64Kbit Serial CMOS EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6510C 데이터시트(HTML) 5 Page - Asahi Kasei Microsystems

  AK6510C_05 Datasheet HTML 1Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 2Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 3Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 4Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 5Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 6Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 7Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 8Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ASAHI KASEI
[AK6514C]
DAP04E-00
2005/03
- 5 -
Pin Description
CS (Chip Select Input)
When CS changes high level to low level, the AK6514C can receive the instructions.
CS should be kept low level while receiving op-code, address and data, and while outputting
data.
When CS is high level, SO indicate Hi-Z.
SCK (Serial Clock Input)
The SCK clock pin is the synchronous clock input for input/output data.
SI (Serial Data Input)
The op-code, address, and data are written to the SI pin.
SO (Serial Data Output)
The SO pin outputs the data from memory array and status register.
WP (Write Protect Input)
The WP pin controls the write function to the status register.
When the WPEN bit in the status register is "0", the function of WP pin becomes disable.
Then the status register can be programmable when the WEN bit in the status register is "1".
And it does not depend on the status of WP pin.
When the WPEN bit is "1", the function of WP is enabled.
Then the status register can not
be programmable when the WEN bit is "1" and the status of WP pin is low.
When the WPEN bit is "1", WP pin is high and WEN bit is "1", AK6514C can accept the
WRITE instruction to the status registers.
During the instruction input, WP pin should keep high or low level.
HOLD (Hold Input)
The HOLD pin can hold the data transfer.
When the HOLD pin changes hi to low while the
SCK is low, the data transfer is held.
And the transfer starts when the HOLD pin changes
low to high while the SCK is low.
While the holding the data transfer, AK6514C ignores the
clock signal on SCK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com