전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK6510C 데이터시트(PDF) 14 Page - Asahi Kasei Microsystems

부품명 AK6510C
상세설명  SPI bus 64Kbit Serial CMOS EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6510C 데이터시트(HTML) 14 Page - Asahi Kasei Microsystems

Back Button AK6510C_05 Datasheet HTML 10Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 11Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 12Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 13Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 14Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 15Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 16Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 17Page - Asahi Kasei Microsystems AK6510C_05 Datasheet HTML 18Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ASAHI KASEI
[AK6514C]
DAP04E-00
2005/03
- 14 -
(4) A.C. ELECTRICAL CHARACTERISTICS 2
(1.8V
≤VCC≤5.5V, -40°C≤Ta≤85°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Max.
Unit
tHFS1
4.5V
≤VCC≤5.5V
15
ns
HOLD Setup Time 1
tHFS2
2.5V
≤VCC<4.5V
30
ns
tHFS3
1.8V
≤VCC<2.5V
90
ns
tHFH1
4.5V
≤VCC≤5.5V
15
ns
HOLD Hold Time 1
tHFH2
2.5V
≤VCC<4.5V
30
ns
tHFH3
1.8V
≤VCC<2.5V
90
ns
tHRS1
4.5V
≤VCC≤5.5V
15
ns
HOLD Setup Time 2
tHRS2
2.5V
≤VCC<4.5V
30
ns
tHRS3
1.8V
≤VCC<2.5V
90
ns
tHRH1
4.5V
≤VCC≤5.5V
15
ns
HOLD Hold Time 2
tHRH2
2.5V
≤VCC<4.5V
30
ns
tHRH3
1.8V
≤VCC<2.5V
90
ns
tHOZ1
4.5V
≤VCC≤5.5V
25
ns
HOLD Low to Output Hi-Z
tHOZ2
2.5V
≤VCC<4.5V
100
ns
tHOZ3
1.8V
≤VCC<2.5V
150
ns
tHPD1
4.5V
≤VCC≤5.5V
25
ns
HOLD High to Output Low-Z
tHPD2
2.5V
≤VCC<4.5V
50
ns
tHPD3
1.8V
≤VCC<2.5V
100
ns
Selftimed Programming Time
tWR
5
ms
Endurance
*4
5.5V, 25
°C, Page Write 1,000,000
E/W
cycles/
Address
*4 : These parameters are not 100% tested.
These are the sample value.
AC Measurement Condition
Load Capacitance
CL=100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com