전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PHH223HMP4680ME4 데이터시트(PDF) 1 Page - Kemet Corporation

부품명 PHH223HMP4680ME4
상세설명  PHH223, 125°C, Hybrid Radial Crown, UL ESR, AEC-Q200
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHH223HMP4680ME4 데이터시트(HTML) 1 Page - Kemet Corporation

  PHH223HMP4680ME4 Datasheet HTML 1Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 2Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 3Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 4Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 5Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 6Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 7Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 8Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
© KEMET Electronics Corporation • One East Broward Boulevard
A4123_PHH223 • 6/18/2024
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Built Into Tomorrow
Benefits
• 8,000 hours at +125°C
• High temperature capability up to 140°C
• Extremely high ripple current
• Up to 50 Arms, continuous load
• High vibration resistance up to 20 g 22 h/axis
• Polarized all-welded design
• Self-healing behaviours
• Outstanding electrical performance
Hybrid Radial Crown Capacitors
PHH223, +125°C, Hybrid Radial Crown, UL ESR, AEC-Q200
Part Number System
PHH223
M
LP
411
0
M
E4
Series Rated
Voltage (VDC)
Size Code
Capacitance Code (μF)
Version
Capacitance Tolerance
Packaging
Hybrid
Radial Crown
Capacitor
H = 25
J = 35
M = 63
See
Dimension
Table
The last two digits represent
significant figures.
The first digit indicates the
total
number digits.
0 = Standard
M = −20 +20%
E4 = Tray
Overview
KEMET’s PHH223 is a Ultra Low ESR conductive polymer
hybrid capacitor with outstanding electrical performance.
These capacitors contain a radial crown, which allows
them to be mounted in a standing position. The device
has a polarized all-welded design, tinned copper wire
leads, and a negative pole connected to the case. The
PHH223 winding is housed in a cylindrical aluminum can
with a high purity aluminum lid and high-quality rubber
gasket. Low ESR is conditioned by a highly conductive
polymer (PEDOT/PSS) and an all-welded design. The
polymer system creates an electrical pathway between
the anodic oxide layer and the cathode through a
mechanical separator - paper. The PHH223 winding
is impregnated with liquid electrolyte that results to
self-healing features of the capacitor. Thanks to its
mechanical robustness, the PHH223 is suitable for use in
mobile and automotive installations with operation up to
+125°C.
Applications
KEMET’s PHH223 is a series of high performance radial
crown hybrid capacitors. It is designed for automotive
applications with extremely high demands.


유사한 부품 번호 - PHH223HMP4680ME4

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
PHH226MKP337RQE4 KEMET-PHH226MKP337RQE4 Datasheet
1Mb / 8P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
4/26/2022
PHH227 KEMET-PHH227 Datasheet
1Mb / 8P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
4/26/2022
PHH227 KEMET-PHH227 Datasheet
747Kb / 9P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
6/18/2024
PHH227HKL4250ME4 KEMET-PHH227HKL4250ME4 Datasheet
747Kb / 9P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
6/18/2024
PHH227HKP4360ME4 KEMET-PHH227HKP4360ME4 Datasheet
747Kb / 9P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
6/18/2024
More results

유사한 설명 - PHH223HMP4680ME4

제조업체부품명데이터시트상세설명
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
AEC-Q200 Compliant
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
EMK325B7226KMHP TAIYO-YUDEN-EMK325B7226KMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
Kemet Corporation
PHA226MKP337RQE4 KEMET-PHA226MKP337RQE4 Datasheet
618Kb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
A780MS107M1JLAS030 KEMET-A780MS107M1JLAS030_V01 Datasheet
2Mb / 19P
A780, 125°C, Hybrid Polymer V-Chip, AEC-Q200
1/20/2023
PHA227 KEMET-PHA227 Datasheet
1Mb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
PHH227 KEMET-PHH227 Datasheet
1Mb / 8P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
4/26/2022
A784MW157M1JLAV015 KEMET-A784MW157M1JLAV015 Datasheet
2Mb / 20P
Surface Mount Hybrid Aluminum Polymer Capacitors A784, 150°C, Hybrid Polymer V-Chip, AEC-Q200
12/6/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com