전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST85LD0128 데이터시트(PDF) 31 Page - Silicon Storage Technology, Inc

부품명 SST85LD0128
상세설명  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 데이터시트(HTML) 31 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 35Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
31
12.2.1.6.30 Word 89: Time required for Security erase unit completion
Word 89 specifies the time required for the Security Erase Unit command to complete.
12.2.1.6.31 Word 90: Time required for Enhanced security erase unit completion
Word 90 specifies the time required for the Enhanced Security Erase Unit command to complete.
12.2.1.6.32 Word 91: Advanced power management level value
Bit
Function
7-0
Current Advanced Power Management level setting
12.2.1.6.33 Word 128: Security Status
Bit
Function
8
Security Level
1: Security mode is enabled and the security level is maximum
0: and security mode is enabled, indicates that the security level is high
5
Enhanced security erase unit feature supported
1: Enhanced security erase unit feature set is supported
4
Expire
1: Security count has expired and Security Unlock and Security Erase Unit are command
aborted until a Power-on reset or hard reset
3Freeze
1: Security is frozen
2Lock
1: Security is locked
1
Enable/Disable
1: Security is enabled
0: Security is disabled
0
Capability
1: NANDrive supports security mode feature set
0: NANDrive does not support security mode feature set
Value
Time
0
Value not specified
1-254
(Value * 2) minutes
255
>508 minutes
Value
Time
0
Value not specified
1-254
(Value * 2) minutes
255
>508 minutes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73