전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST85LD0128 데이터시트(PDF) 7 Page - Silicon Storage Technology, Inc

부품명 SST85LD0128
상세설명  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 데이터시트(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
7
3.0 PIN ASSIGNMENTS
The signal/pin assignments are listed in Table 3-1. Low
active signals have a “#” suffix. Pin types are Input, Output,
or Input/Output. Signals whose source is the host are
designated as inputs while signals that the NANDrive
sources are outputs.
The NANDrive functions in ATA mode, which is compatible
with IDE hard disk drives.
FIGURE
3-1: Pin Assignments for 91-Ball LBGA
10
9
8
7
6
5
4
3
2
1
SCIDOUT
D9
D10
D13
D15
IOCS16#
A2
CS3FX# FAD15
FAD6
SCIDIN SCICLK
D8
VSS
D12
POR#
VSS
FAD13
FAD14
FAD5
FALE FCE4# WP_PD# EXTCLKIN
VSS
FAD12
FAD11
FAD4
FRE# EXTCLKOUT FCE6# FCE5#
VDD
VDD
FAD10
FAD3
FCLE RESET#
D7
VSS
D6
DNU
VSS
Note
FAD9
FAD2
FWE#
D5
D3
D2
D4
DMARQ
A1
CS1FX# FAD8
FAD1
VREG
VDDQ
D1
D0
IORD#
INTRQ DMACK
A0
VDD
FAD0
ABCDEFGHJKLMNPRT
DASP#
VDD
D11
D14
IOWR#
VSS
PDIAG# CSEL
VDDQ
FAD7
TOP VIEW (balls facing down)
1319 91-lbz P1.1
Note: L4 = FCE7#/INTCLKEN
NC
NC
NC
NC
NC
NC
NC
DNU
DNU
DNU
DNU
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73