전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1174CS8 데이터시트(PDF) 18 Page - Linear Technology

부품명 LTC1174CS8
상세설명  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1174CS8 데이터시트(HTML) 18 Page - Linear Technology

Back Button LTC1174CS8 Datasheet HTML 12Page - Linear Technology LTC1174CS8 Datasheet HTML 13Page - Linear Technology LTC1174CS8 Datasheet HTML 14Page - Linear Technology LTC1174CS8 Datasheet HTML 15Page - Linear Technology LTC1174CS8 Datasheet HTML 16Page - Linear Technology LTC1174CS8 Datasheet HTML 17Page - Linear Technology LTC1174CS8 Datasheet HTML 18Page - Linear Technology LTC1174CS8 Datasheet HTML 19Page - Linear Technology LTC1174CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1174
LTC1174-3.3/LTC1174-5
1174fe
Automatic Current Selection
Buck-Boost Converter
TYPICAL APPLICATIO S
1174 TA13
INPUT
VOLTAGE
6V TO 12.5V
3
LTC1174-5
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VOUT
SW
2
7
6
8
1
5
4
50
µH†
VOUT
5V
0mA TO
320mA
100
µF*
20V
100
µF*
16V
1N5818
100k
*
†
SANYO OS-CON CAPACITOR
COILTRONICS CTX50-4
0.1
µF
100k
36.5k
TPO610L
100k
+
+
1174 TA14
INPUT VOLTAGE
4V TO 12V
3
LTC1174HV-5
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VOUT
SW
2
7
6
8
1
5
4
3.3
µF**
L1A
†
100
µH
1
2
L2A
†
100
µH
4
3
VOUT
5V
160mA
0.1
µF
*
**
†
SANYO OS-CON
WIMA MKS2
COILTRONICS CTX100-4
100
µF*
20V
L1A
L1B
2
3
4
1
CTX100-4
100
µF*
16V
1N5818
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com