전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1174CS8 데이터시트(PDF) 20 Page - Linear Technology

부품명 LTC1174CS8
상세설명  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1174CS8 데이터시트(HTML) 20 Page - Linear Technology

Back Button LTC1174CS8 Datasheet HTML 12Page - Linear Technology LTC1174CS8 Datasheet HTML 13Page - Linear Technology LTC1174CS8 Datasheet HTML 14Page - Linear Technology LTC1174CS8 Datasheet HTML 15Page - Linear Technology LTC1174CS8 Datasheet HTML 16Page - Linear Technology LTC1174CS8 Datasheet HTML 17Page - Linear Technology LTC1174CS8 Datasheet HTML 18Page - Linear Technology LTC1174CS8 Datasheet HTML 19Page - Linear Technology LTC1174CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1174
LTC1174-3.3/LTC1174-5
1174fe
©LINEAR TECHNOLOGY CORPORATION 1994
LT 1006 REV E • PRINTED IN USA
Battery Charger
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1074/LT1076
Step-Down Switching Regulator
100kHz, 5A (LT1074) or 2A (LT1076) Monolithic
LTC1147
High Efficiency Step-Down DC/DC Controller
8-Pin Controller
LTC1265
1.2A High Efficiency Step-Down DC/DC Regulator
Burst Mode Operation, Monolithic
LT1375/LT1376
1.5A 500kHz Step-Down Switching Regulator
High Frequency Small Inductor
LTC1574
High Efficiency Step-Down DC/DC Regulator
LTC1174 with Internal Schottky Diode
LT1611
Inverting 1.4MHz Switching Regulator in SOT-23
– 5V at 150mA from 5V Input, 1mVP-P Output Ripple, SOT-23 Package
LTC1701
1MHz Step-Down DC/DC Converter in SOT-23
VIN = 2.5V to 5.5V, IQ = 135µA, VOUT = 5V to 1.25V
LTC1707
High Efficiency Synchronous Step-Down Regulator
VIN = 2.85 to 8.5V, Selectable Burst Mode Operation,
600mA Output Current, SO-8 Package
LTC1877
High Efficiency Synchronous Step-Down Regulator
600mA at VIN = 5V, 2.65V to 10V = VIN, IQ = 10µA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
TYPICAL APPLICATIO
1174 TA15
INPUT VOLTAGE
8V TO 12.5V
3
LTC1174
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VFB
SW
2
7
6
8
1
5
4
D1
L1
†
50
µH
VOUT TO
4 NiCAD BATTERY
0.1
µF
100
µF**
10V
33k
150k
VIN(V)
8
9
10
11
12
IOUT MAX(mA)
320
325
330
335
335
*
**
D1,D2
†
AVX TAJD226K020
AVX TAJD107K010
= MBRS140T3
(SURFACE MOUNT)
1N5818
L1 SELECTION
MANUFACTURER
COILTRONICS
COILCRAFT
SUMIDA
GOWANDA
PART NO.
CTX50-2P
DT3316-473
CD54-470
GA10-472K
TYPE
SURFACE MOUNT
SURFACE MOUNT
SURFACE MOUNT
THROUGH HOLE
22
µF*
20V
×2
D2
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com