| 전자부품 데이터시트 검색엔진 |
|
PD55003STR-E 데이터시트(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PD55003STR-E 데이터시트(HTML) 16 Page - STMicroelectronics |
|
16 / 29 page ![]() Common source s-parameter PD55003-E 16/29 Doc ID 12273 Rev 4 8 Common source s-parameter Table 10. S-parameter for the PowerSO-10RF formed lead (VDS = 12.5 V, IDS = 0.15 A) Freq (MHz) IS11IS11∠Φ IS21IS21∠Φ IS12IS12 - DF IS22IS22 - DF 50 0.780 -120 21.77 106 0.038 19 0.669 -111 100 0.764 -144 11.34 88 0.040 -1 0.643 -137 150 0.786 -154 7.47 77 0.040 -10 0.634 -145 200 0.804 -159 5.45 69 0.037 -19 0.660 -149 250 0.817 -163 4.22 61 0.036 -26 0.680 -152 300 0.835 -165 3.36 55 0.034 -31 0.720 -156 350 0.852 -167 2.75 48 0.031 -36 0.766 -158 400 0.865 -169 2.28 43 0.028 -41 0.786 -160 450 0.877 -171 1.92 38 0.027 -45 0.816 -161 500 0.889 -172 1.65 34 0.025 -49 0.827 -163 550 0.899 -174 1.42 30 0.022 -52 0.847 -165 600 0.909 -175 1.24 27 0.021 -51 0.856 -167 650 0.918 -177 1.09 23 0.018 -56 0.874 -169 700 0.924 -178 0.97 20 0.018 -54 0.881 -170 750 0.926 -179 0.87 17 0.016 -61 0.895 -172 800 0.929 180 0.78 15 0.014 -62 0.906 -173 850 0.935 179 0.71 12 0.011 -56 0.916 -174 900 0.938 178 0.65 10 0.011 -63 0.913 -175 950 0.940 177 0.59 8 0.010 -62 0.925 -177 1000 0.941 176 0.55 5 0.007 -69 0.928 -178 1050 0.944 175 0.51 3 0.007 -57 0.925 -180 1100 0.947 174 0.47 1 0.006 -56 0.929 -180 1150 0.946 173 0.44 -1 0.005 -53 0.928 179 1200 0.944 172 0.41 -3 0.004 -40 0.927 178 1250 0.949 171 0.38 -5 0.004 -54 0.928 176 1300 0.949 170 0.36 -7 0.003 -63 0.940 176 1350 0.947 169 0.34 -9 0.001 -15 0.935 175 1400 0.949 168 0.31 -10 0.001 82 0.938 175 1450 0.946 167 0.29 -12 0.002 76 0.933 174 1500 0.948 167 0.27 -12 0.002 124 0.939 173 |