| 전자부품 데이터시트 검색엔진 |
|
PD55003STR-E 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PD55003STR-E 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 29 page ![]() Electrical characteristics PD55003-E 4/29 Doc ID 12273 Rev 4 2 Electrical characteristics TCASE = +25 oC 2.1 Static 2.2 Dynamic 2.3 Moisture sensitivity level Table 4. Static Symbol Test conditions Min Typ Max Unit IDSS VGS = 0 VDS = 28 V 1 µA IGSS VGS = 20 V VDS = 0 1 µA VGS(Q) VDS = 10 V ID = 50 mA 2.0 5.0 V RDS(ON) VGS = 10 V ID = 1 A 0.75 Ω gFS VDS = 10 V ID = 1 A 1.0 mho CISS VGS = 0 VDS = 12.5 V f = 1 MHz 36 pF COSS VGS = 0 VDS = 12.5 V f = 1 MHz 24 pF CRSS VGS = 0 VDS = 12.5 V f = 1 MHz 2.4 pF Table 5. Dynamic Symbol Test conditions Min Typ Max Unit P1dB VDD = 12.5 V, IDQ = 50 mA f = 500 MHz 3 W GP VDD = 12.5 V, IDQ = 50 mA, POUT = 3W, f = 500 MHz 14 17 dB hD VDD = 12.5 V, IDQ = 50 mA, POUT = 3W, f = 500 MHz 45 52 % Load mismatch VDD = 15.5 V, IDQ = 50 mA, POUT = 3W, f = 500 MHz All phase angles 20:1 VSWR Table 6. Moisture sensitivity level Test methodology Rating J-STD-020B MSL 3 |