| 전자부품 데이터시트 검색엔진 |
|
LLCC68 데이터시트(PDF) 17 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
LLCC68 데이터시트(HTML) 17 Page - Semtech Corporation |
|
17 / 106 page ![]() Table 3-6: Power Consumption in Transmit Mode LLCC68 Data Sheet Rev. 1.0 DS.LLCC68.W.APP July 2019 17 of 106 Semtech www.semtech.com Symbol Frequency Band PA Match / Condition Power Output Typical Unit IDDTX1 868/915 MHz +22 dBm +22 dBm +20 dBm +17 dBm +14 dBm 118 102 95 90 mA mA mA mA +20 dBm / optimal settings 2 +20 dBm 84 mA +17 dBm / optimal settings 2 +17 dBm 58 mA +14 dBm / optimal settings 2 +14 dBm 45 mA 434/490 MHz +22 dBm +22 dBm +20 dBm +17 dBm +14 dBm 107 90 75 63 mA mA mA mA +20 dBm / optimal settings 2 +20 dBm 65 mA +17 dBm / optimal settings 2 +17 dBm 42 mA +14 dBm / optimal settings 2 +14 dBm 32 mA 1. DC-DC mode is used for the IC core but the PA is supplied from VBAT. For more details, see Section 5.1 "Selecting DC-DC Converter or LDO Regulation" on page 29 2. Optimal settings adapted to the specified output power. For more details, see Section 13.1.14.1 "PA Optimal Settings" on page 71 |