전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPT-DINAV53LS1AX 데이터시트(PDF) 13 Page - List of Unclassifed Manufacturers

부품명 CPT-DINAV53LS1AX
상세설명  Energy Management Compact Power Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CPT-DINAV53LS1AX 데이터시트(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CPT-DINAV53LS1AX Datasheet HTML 5Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 6Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 7Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 8Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 9Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 10Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 11Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 12Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Specifications are subject to change without notice
CPT-DINADS110706
13
CPT-DIN
1
2
3
4
5
6
23
24
(L1)
25
26
(L2)
27
28
(L3)
A1
A2
8
(L1)
7
9
(N) (L2)
(L3)
CPT-DIN
PowerTransducer
Diagnostics
PowerON
11
10 12
I
V
dvanced
A
Dimensions
45mm
98.5mm
1. Front panel
2. Power ON LED
3. Diagnostics LED
4. Configuration bus (RJ12 connector)
5. Connections screw terminals
1
2
3
4
5
6
23
24
(L1)
25
26
(L2)
27
28
(L3)
A1
A2
8
(L1)
7
9
(N) (L2)
(L3)
CPT-DIN
PowerTransducer
Diagnostics
PowerON
11
10 12
I
V
dvanced
A
Front Panel Description
3
1
2
4
5
Outputs connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com