전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPT-DINAV53LS1AX 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 CPT-DINAV53LS1AX
상세설명  Energy Management Compact Power Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CPT-DINAV53LS1AX 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  CPT-DINAV53LS1AX Datasheet HTML 1Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 2Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 3Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 4Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 5Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 6Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 7Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 8Page - List of Unclassifed Manufacturers CPT-DINAV53LS1AX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Specifications are subject to change without notice
CPT-DINADS110706
CPT-DIN
Analogue Outputs
Number of outputs
Up to 3
Accuracy (@25°C±5°C,R.H.
≤60%) ±0.3% FS
Range
0 to 20mA or 0 to 10 VDC
Scaling factor:
Programmable within the
whole range of retransmis-
sion; it allows the retrans-
mission management of all
values from: 0 and
20 mA, 0 and 10VDC
Response time
≤ 400 ms typical
(filter excluded)
Ripple
≤ 1%, according to
IEC 60688-1, EN 60688-1
Total temperature drift
≤ 500 ppm/°C
Load:
20 mADC
≤ 350 Ω
10 VDC
≥ 10KΩ
Insulation
By means of optocouplers,
See table “Insulation
between inputs and outputs”
Digital outputs
Pulse
Number of outputs
Up to 2
Type
Programmable from 0.01 to 500
pulses per kWh/kvarh (total
counters)
Outputs connectable to the
total energy meters
(Wh/varh)
Pulse duration
≥ 100ms <120msec (ON),
≥ 120ms (OFF)
according to EN62053-31
Alarm
Number of outputs
up to 2, independent
Alarm modes
Up alarm, down alarm, in
window alarm, out window
alarm.
Start-up deactivation func-
tion at power-on for all
kinds of alarm. All of them
connectable to all variables
(see the table “List of the
variables that can be con-
nected to”)
Set-point adjustment
From 0 to 100% of the
retransmitted scale
Hysteresis
from 0 to full scale
On-time delay
0 to 255s
Output status
Selectable; normally
de-energized and normally
energized
Min. response time
≤400ms, filters excluded and
with alarm delay: “0 s”
Note
The 2 digital outputs
can also work as one pulse
output and one alarm
output.
Static outputs
Purpose
For alarm outputs or for pulse
outputs
Signal
VON 1.2 VDC/ max. 100 mA
VOFF 30 VDC max.
Insulation
By means of optocouplers,
See table “Insulation
between inputs and outputs”
Relay outputs
Purpose
For alarm outputs or for pulse
outputs
Type
Relay, SPST type
AC 1-5A @ 250VAC
DC 12-5A @ 24VDC
AC 15-1.5A @ 250VAC
DC 13-1.5A @ 24VDC
Insulation
See table “Insulation
between inputs and outputs”
Reed relay output
Purpose
For alarm output or for pulse
output
Type
Reed relay, SPST type NO
Switching voltage
Max 200VDC, peak AC resistive
Switching current
Max 0.5ADC, peak AC resistive
Carry current
Max 2ADC, peak AC resistive
Mechanical life
300x106 operations (1V/10mA)
Insulation
See table “Insulation
between inputs and outputs”
Output Specifications
Input specifications (cont.)
Reactive power
±(2%RDG+3DGT)
Active energy
Class2accordingtoEN62053-21
(I start up: 10mA)
Reactive energy
Class3accordingtoEN62053-23
(I start up: 10mA)
Frequency
±0.1Hz (48 to 62Hz)
Additional errors
Humidity
≤0.3% FS, 60% to 90% RH
Frequency
≤0.3% FS (45 to 48Hz and 62
to 65Hz)
Temperature drift
≤ 200ppm/°C
Sampling rate
1600 samples/s @ 50Hz
1900 samples/s @ 60Hz
Measurement refresh time
200ms
Measurement format
(serial communication)
Instantaneous variables
4 DGT, max indication 9999
Energies
8+1 DGT, max indication
999 999 99.9
Hourcounter
5+2 DGT, max indication
9 999 9.99
Measurements
Current, voltage, power,
power factor, frequency
Type
TRMS measurement of
distorted waves.
Coupling type
Direct
Crest factor
< 3, max 10A peak
Input impedance
400/690VL-L
(AV5)
1.6 M
Ω ±5%
120/208VL-L
(AV6)
1.6 M
Ω ±5%
Current
≤ 0.01Ω
Frequency
45 to 65 Hz
Overload protection
(max values)
Continuos voltage/current
AV5: 460VLN/800VLL/6A
AV6: 145VLN/250VLL/6A
For 500ms: voltage/current
AV5: 800VLN/1380VLL/36A
AV6: 240VLN/416VLL/36A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com