| 전자부품 데이터시트 검색엔진 |
|
25C040-E/ST 데이터시트(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25C040-E/ST 데이터시트(HTML) 3 Page - Microchip Technology |
|
3 / 22 page ![]() © 2006 Microchip Technology Inc. DS21204E-page 3 25AA040/25LC040/25C040 TABLE 1-2: AC CHARACTERISTICS AC CHARACTERISTICS Industrial (I): TA = -40°C to +85°C VCC = 1.8V to 5.5V Automotive (E): TA = -40°C to +125°C VCC = 4.5V to 5.5V (25C040 only) Param No. Sym. Characteristic Min. Max. Units Test Conditions 1FCLK Clock Frequency — — — 3 2 1 MHz MHz MHz VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V 2TCSS CS Setup Time 100 250 500 — — — ns ns ns VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V 3TCSH CS Hold Time 150 250 475 — — — ns ns ns VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V 4TCSD CS Disable Time 500 — ns — 5TSU Data Setup Time 30 50 50 — — — ns ns ns VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V 6THD Data Hold Time 50 100 100 — — — ns ns ns VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V 7TR CLK Rise Time — 2 μs (Note 1) 8TF CLK Fall Time — 2 μs (Note 1) 9THI Clock High Time 150 230 475 — — — ns ns ns VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V 10 TLO Clock Low Time 150 230 475 — — — ns ns ns VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V 11 TCLD Clock Delay Time 50 — ns — 12 TCLE Clock Enable Time 50 — ns — 13 TV Output Valid from Clock Low — — — 150 230 475 ns ns ns VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V 14 THO Output Hold Time 0 — ns (Note 1) 15 TDIS Output Disable Time — — — 200 250 500 ns ns ns VCC = 4.5V to 5.5V (Note 1) VCC = 2.5V to 4.5V (Note 1) VCC = 1.8V to 2.5V (Note 1) 16 THS HOLD Setup Time 100 100 200 — — — ns ns ns VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V 17 THH HOLD Hold Time 100 100 200 — — — ns ns ns VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V 18 THZ HOLD Low to Output High-Z 100 150 200 — — — ns ns ns VCC = 4.5V to 5.5V (Note 1) VCC = 2.5V to 4.5V (Note 1) VCC = 1.8V to 2.5V (Note 1) 19 THV HOLD High to Output Valid 100 150 200 — — — ns ns ns VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V 20 TWC Internal Write Cycle Time — 5 ms — 21 — Endurance 1M — E/W Cycles (Note 2) Note 1: This parameter is periodically sampled and not 100% tested. 2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total Endurance™ Model which can be obtained from our web site: www.microchip.com. |