| 전자부품 데이터시트 검색엔진 |
|
25C040-E/ST 데이터시트(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25C040-E/ST 데이터시트(HTML) 2 Page - Microchip Technology |
|
2 / 22 page ![]() 25AA040/25LC040/25C040 DS21204E-page 2 © 2006 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings(†) VCC.............................................................................................................................................................................7.0V All inputs and outputs w.r.t. VSS .......................................................................................................... -0.6V to VCC+1.0V Storage temperature .................................................................................................................................-65°C to 150°C Ambient temperature under bias ...............................................................................................................-65°C to 125°C ESD protection on all pins ......................................................................................................................................... 4 KV TABLE 1-1: DC CHARACTERISTICS † NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an extended period of time may affect device reliability DC CHARACTERISTICS Industrial (I): TA = -40°C to +85°C VCC = 1.8V to 5.5V Automotive (E): TA = -40°C to +125°C VCC = 4.5V to 5.5V (25C040 only) Param. No. Sym. Characteristic Min. Max. Units Test Conditions D001 VIH1 High-level input voltage 2.0 VCC+1 V VCC ≥ 2.7V (Note) D002 VIH2 0.7 VCC VCC+1 V VCC< 2.7V (Note) D003 VIL1 Low-level input voltage -0.3 0.8 V VCC ≥ 2.7V (Note) D004 VIL2 -0.3 0.3 VCC VVCC < 2.7V (Note) D005 VOL Low-level output voltage —0.4 V IOL = 2.1 mA D006 VOL —0.2 V IOL = 1.0 mA, VCC < 2.5V D007 VOH High-level output voltage VCC -0.5 — V IOH =-400 μA D008 ILI Input leakage current — ±1 μACS = VCC, VIN = VSS TO VCC D009 ILO Output leakage current —±1 μACS = VCC, VOUT = VSS TO VCC D010 CINT Internal Capacitance (all inputs and outputs) —7 pF TA = 25°C, CLK = 1.0 MHz, VCC = 5.0V (Note) D011 ICC Read Operating Current — — 1 500 mA μA VCC = 5.5V; FCLK = 3.0 MHz; SO = Open VCC = 2.5V; FCLK = 2.0 MHz; SO = Open D012 ICC Write — — 5 3 mA mA VCC = 5.5V VCC = 2.5V D013 ICCS Standby Current — — 5 1 μA μA CS = VCC = 5.5V, Inputs tied to VCC or VSS CS = VCC = 2.5V, Inputs tied to VCC or VSS Note: This parameter is periodically sampled and not 100% tested. |