전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C940JC/W 데이터시트(PDF) 104 Page - Advanced Micro Devices

부품명 AM79C940JC/W
상세설명  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940JC/W 데이터시트(HTML) 104 Page - Advanced Micro Devices

Back Button AM79C940JC/W Datasheet HTML 100Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 101Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 102Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 103Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 104Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 105Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 106Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 107Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 108Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 144 page
background image
104
SCLK
(EDSEL = 1)
EOF
TDTREQ
43
42
Note 1
47
Note 3
Note 2
S3
S2
S1
S0
S2
S1
S3
S2
S1
S3
S0
S0
S2
S1
S3
S0
46
S3
S2
S1
S0
S2
S1
S3
S2
S1
S3
S0
S0
S2
S1
S3
S0
SCLK
(EDSEL = 0)
AC WAVEFORMS
Notes:
1. TDTREQ will be asserted for two write cycles (4 SCLK cycles) minimum.
2. TDTREQ will deassert 1 SCLK cycle after EOF is detected (S2/S3 edge).
3. When EOF is written, TDTREQ will go inactive for 1 SCLK cycle minimum.
Host System Interface–TDTREQ Write Timing
16235D-30
XTAL1
STDCLK
TXDAT+
DO+
DO–
DO±
53
0
11
0
1
1
1
TXEN
(Note 1)
9
54
55
16235D-31
AUI Transmit Timing–Start of Packet
Note: TXDAT+ is the internal version of the signal, and is shown for clarification only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More