| 전자부품 데이터시트 검색엔진 |
|
AM79C940JC/W 데이터시트(PDF) 105 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C940JC/W 데이터시트(HTML) 105 Page - Advanced Micro Devices |
|
105 / 144 page ![]() 105 0 1 0 0 10 bit (n–2) bit (n–1) bit (n) 1 XTAL1 STDCLK TXDAT+ DO+ DO– DO± TXEN (Note 1) > 200 ns 57 16235D-32 Note: TXDAT+ is the internal version of the signal, and is shown for clarification only. AUI Transmit Timing–End of Packet (Last Bit = 0) 0 1 1 0 1 bit (n–2) bit (n–1) bit (n) 1 57 XTAL1 SRDCLK TXDAT+ DO+ DO– DO± TXEN (Note 1) > 250 ns 16235D-33 Note: TXDAT+ is the internal version of the signal, and is shown for clarification only. AUI Transmit Timing–End of Packet (Last Bit = 1) |