전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41T00SC64MY6E 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 M41T00SC64MY6E
상세설명  Real-Time Clock 64Kbit (8192 x 8) EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00SC64MY6E 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button M41T00SC64MY6E Datasheet HTML 5Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 6Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 7Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 8Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 9Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 10Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 11Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 12Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
M41T00SC64
Operation
9/19
4
Operation
4.1
Serial RTC device
The M41T00SC64 contains one Serial RTC (M41T00S). For detailed information on how to
use the devices, see the M41T00S datasheet, which is available from your local
STMicroelectronics distributor or from the STMicroelectronics website,
http://www.st.com/rtc/.
4.2
EEPROM device
The M41T00SC64 contains a 64 Kbit Serial EEPROM (M24C64). For detailed information
on how to use the devices, see the M24C64 datasheet, which is available from your local
STMicroelectronics distributor or from the STMicroelectronics website,
http://www.st.com/eeprom/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19