전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41T00SC64MY6E 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 M41T00SC64MY6E
상세설명  Real-Time Clock 64Kbit (8192 x 8) EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00SC64MY6E 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button M41T00SC64MY6E Datasheet HTML 7Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 8Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 9Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 10Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 11Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 12Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 13Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 14Page - STMicroelectronics M41T00SC64MY6E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
M41T00SC64
DC and AC parameters
11/19
6
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC characteristic
tables are derived from tests performed under the measurement conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Figure 5.
AC measurement I/O waveform
Table 4. Operating and AC measurement conditions(1)
1.
Output Hi-Z is defined as the point where data is no longer driven.
Parameter
Value
Unit
Supply voltage (VCC)
2.7 to 5.5
V
Ambient operating temperature (TA)
–40 to 85
°C
Load capacitance (CL)
100
pF
Input rise and fall times
< 5
ns
Input pulse voltages
0.2VCC to 0.8VCC
V
Input and output timing ref. voltages
0.3VCC to 0.7VCC
V
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19