전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4DIR1401H 데이터시트(PDF) 38 Page - Infineon Technologies AG

부품명 4DIR1401H
상세설명  ISOFACE™ Digital Isolator 4DIRx4xxH family
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

4DIR1401H 데이터시트(HTML) 38 Page - Infineon Technologies AG

Back Button 4DIR1401H Datasheet HTML 34Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 35Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 36Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 37Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 38Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 39Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 40Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 41Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
4.7.3
Electrical characteristics - 3.3 V supply
Typical values are given at TA = 25 °C, VDD1 = VDD2 = 3.3V. Minimum/maximum specifications apply over the entire
recommended operation range of VDD1 = VDD2 = 3.3 V ± 10%, and -40°C ≤ TA ≤ +125°C, unless otherwise noted.
Switching characteristics are tested with CLOAD = 15 pF and 50% duty cycle input square wave, over operating
range unless otherwise specified. Supply current values are calculated considering all channels are switching at
the same data rate. Parameters are tested in production unless otherwise specified. Only DC supply currents
are tested in production and the AC supply currents are not tested in production.
4.7.3.1
Logic inputs
Table 29
Logic inputs
Parameter
Symbol
Values
Unit
Note or condition
Min. Typ. Max.
High-level input current
IIH
 
 
10
μA VINX=VDDI 1) 2)
Low-level input current
IIL
-10
 
 
μA VINX =0V2)
Input voltage threshold for
transition LH
VI_LH
 
 
0.7VD
DI
V
 
Input voltage threshold for
transition HL
VI_HL
0.3VD
DI
 
 
V
 
Input voltage threshold hysteresis VI_HYS
0.1 VD
DI
 
 
V
 
Input pull-down resistor
RIN
 
825
 
k
Ω VINX=VDDI 1) 2)
1)
VDDI = Input-side supply voltage. For input channels on side 1 it is VDD1 and for input channels on side 2 it is VDD2
2)
Parameter not tested in production
4.7.3.2
Logic outputs
Table 30
Logic outputs
Parameter
Symbol
Values
Unit
Note or condition
Min. Typ. Max.
High-level output voltage
VOH
VDDO -
0.3
 
 
V
IOH = 2 mA 1)
Low-level output voltage
VOL
 
 
0.3
V
IOL = -2 mA
1)
VDDO - Output-side supply voltage. For output buffers on side 1 it is VDD1 and for output buffers on side 2 it is VDD2
ISOFACE™ Digital Isolator 4DIRx4xxH family
Robust Digital Isolators with precise timing and low power consumption
4 Thermal and electrical characteristics
Datasheet
38
V1.6
2024-04-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com