전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L4ED 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 VL53L4ED
상세설명  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 26Page - STMicroelectronics VL53L4ED Datasheet HTML 27Page - STMicroelectronics VL53L4ED Datasheet HTML 28Page - STMicroelectronics VL53L4ED Datasheet HTML 29Page - STMicroelectronics VL53L4ED Datasheet HTML 30Page - STMicroelectronics VL53L4ED Datasheet HTML 31Page - STMicroelectronics VL53L4ED Datasheet HTML 32Page - STMicroelectronics VL53L4ED Datasheet HTML 33Page - STMicroelectronics VL53L4ED Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
11
Packing and labeling
11.1
Product marking
A two line product marking is applied on the backside of the module (on the substrate). The first line is the silicon
product code, and the second line, the internal tracking code.
11.2
Inner box labeling
The labeling follows the STMicroelectronics' standard packing acceptance specification.
The following information is on the inner box label:
•
Assembly site
•
Sales type
•
Quantity
•
Trace code
•
Marking
•
Bulk ID number
11.3
Packing
At customer level, it is recommended to mount the device in a clean environment to avoid foreign material
deposition.
To help avoid any foreign material contamination at product assembly level, the module is shipped in a tape and
reel format. The tape is described in Section 11.4: Tape outline drawing.
The packing is vacuum sealed and includes a desiccant.
VL53L4ED
Packing and labeling
DS14256 - Rev 3
page 30/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39