전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP23017T-E/ML 데이터시트(PDF) 37 Page - Microchip Technology

부품명 MCP23017T-E/ML
상세설명  16-Bit I/O Expander with Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017T-E/ML 데이터시트(HTML) 37 Page - Microchip Technology

Back Button MCP23017T-E/ML Datasheet HTML 33Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 34Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 35Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 36Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 37Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 38Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 39Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 40Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
© 2007 Microchip Technology Inc.
DS21952B-page 37
MCP23017/MCP23S17
3.0
PACKAGING INFORMATION
3.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
28-Lead SOIC
YYWWNNN
Example:
28-Lead PDIP (Skinny DIP)
Example:
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
28-Lead SSOP
YYWWNNN
XXXXXXXXXXXX
XXXXXXXXXXXX
Example:
0648256
MCP23017
28-Lead QFN
Example:
E/SS^^3
e
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNN
MCP23017-E/SP^^
0648256
3
e
0648256
MCP23017-E/SO^^3
e
XXXXXXXX
XXXXXXXX
YYWWNNN
23017
E/ML^^
0648256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48