전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 180 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 180 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 176Page - Microchip Technology PIC18F4331 Datasheet HTML 177Page - Microchip Technology PIC18F4331 Datasheet HTML 178Page - Microchip Technology PIC18F4331 Datasheet HTML 179Page - Microchip Technology PIC18F4331 Datasheet HTML 180Page - Microchip Technology PIC18F4331 Datasheet HTML 181Page - Microchip Technology PIC18F4331 Datasheet HTML 182Page - Microchip Technology PIC18F4331 Datasheet HTML 183Page - Microchip Technology PIC18F4331 Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 178
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 16-14:
NOISE FILTER TIMING DIAGRAM (CLOCK DIVIDER = 1:1)
16.4
IC and QEI Shared Interrupts
The IC and QEI submodules can each generate three
distinct interrupt signals; however, they share the use
of the same three interrupt flags in register PIR3. The
meaning of a particular interrupt flag at any given time
depends on which module is active at the time the
interrupt is set. The meaning of the flags in context are
summarized in Table 16-7.
When the IC submodule is active, the three flags (IC1IF,
IC2QEIF and IC3DRIF) function as interrupt-on-capture
event flags for their respective input capture channels.
The channel must be configured for one of the events
that will generate an interrupt (see Section 16.1.7 “IC
Interrupts” for more information).
When the QEI is enabled, the IC1IF interrupt flag
indicates
an
interrupt
caused
by
a
velocity
measurement event, usually an update of the VELR
register. The IC2QEIF interrupt indicates that a position
measurement event has occurred. IC3DRIF indicates
that a direction change has been detected.
TABLE 16-7:
MEANING OF IC AND QEI
INTERRUPT FLAGS
16.5
Operation in Sleep Mode
16.5.1
3x INPUT CAPTURE IN SLEEP
MODE
Since the input capture can operate only when its time
base is configured in a Synchronous mode, the input
capture will not capture any events. This is because the
device’s internal clock has been stopped and any inter-
nal timers in Synchronous modes will not increment.
The prescaler will continue to count the events (not
synchronized).
When the specified capture event occurs, the CAPx
interrupt will be set. The Capture Buffer register will be
updated upon wake-up from sleep to the current TMR5
value. If the CAPx interrupt is enabled, the device will
wake-up from Sleep. This effectively enables all input
capture channels to be used as the external interrupts.
16.5.2
QEI IN SLEEP MODE
All QEI functions are halted in Sleep mode.
CAP1/INDX Pin(1)
TCY
Noise Glitch(3)
CAP1/INDX Input(2)
TQEI = 16 TCY
Note 1: Only CAP1/INDX pin input is shown for simplicity. Similar event timing occurs on CAP2/QEA and CAP3/QEB pins.
2: Noise filtering occurs in shaded portions of CAP1 input.
3: Filter’s group delay: TGD = 3 TCY.
(input to filter)
(output from filter) TGD = 3TCY
Noise Glitch(3)
Interrupt
Flag
Meaning
IC Mode
QEI Mode
IC1IF
IC1 Capture Event Velocity Register Update
IC2QEIF IC2 Capture Event
Position Measurement
Update
IC3DRIF IC3 Capture Event
Direction Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com