전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 176 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 176 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 172Page - Microchip Technology PIC18F4331 Datasheet HTML 173Page - Microchip Technology PIC18F4331 Datasheet HTML 174Page - Microchip Technology PIC18F4331 Datasheet HTML 175Page - Microchip Technology PIC18F4331 Datasheet HTML 176Page - Microchip Technology PIC18F4331 Datasheet HTML 177Page - Microchip Technology PIC18F4331 Datasheet HTML 178Page - Microchip Technology PIC18F4331 Datasheet HTML 179Page - Microchip Technology PIC18F4331 Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 174
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 16-11:
QEI MODULE RESET TIMING WITH THE INDEX INPUT
QEB
QEA
UP/DOWN
IC2QEIF
POSCNT(1)
Count (+/-)
+1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1
-1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1
MAXCNT
MAXCNT = 1527
Q4(3)
INDX
Q1(4)
Q1(5)
Position
Counter Load
Forward
Reverse
Note 2
Note 2
Note 1: POSCNT register is shown in QEI x4 Update mode (POSCNT increments on every rising and every falling edge of
QEA and QEB input signals).
2: When INDX Reset pulse is detected, POSCNT is reset to ‘
0’ on the next QEA or QEB edge. POSCNT is set to
MAXCNT when POSCNT = 0 (when decrementing), which occurs on the next QEA or QEB edge. Similar Reset
sequence occurs for the reverse direction except that the INDX signal is recognized on its falling edge. The Reset
is generated on the next QEA or QEB edge.
3: IC2QEIF is enabled for one TCY clock cycle.
4: Position counter is loaded with ‘0000h’ (i.e., Reset) on the next QEA or QEB edge when INDX is high.
5: Position counter is loaded with MAXCNT value (e.g., 1527h) on the next QEA or QEB edge following the INDX
falling edge input signal detect).
6: IC2QEIF must be cleared in software.
Note 6
Q4(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com