전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 177 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 177 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 173Page - Microchip Technology PIC18F4331 Datasheet HTML 174Page - Microchip Technology PIC18F4331 Datasheet HTML 175Page - Microchip Technology PIC18F4331 Datasheet HTML 176Page - Microchip Technology PIC18F4331 Datasheet HTML 177Page - Microchip Technology PIC18F4331 Datasheet HTML 178Page - Microchip Technology PIC18F4331 Datasheet HTML 179Page - Microchip Technology PIC18F4331 Datasheet HTML 180Page - Microchip Technology PIC18F4331 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 175
PIC18F2331/2431/4331/4431
16.2.6
VELOCITY MEASUREMENT
The velocity pulse generator, in conjunction with the
IC1 and the synchronous TMR5 (in synchronous
operation), provides a method for high accuracy speed
measurements at both low and high mechanical motor
speeds. The Velocity mode is enabled when the VELM
bit is cleared (= 0) and QEI is set to one of its operating
modes (see Table 16-6).
To optimize register space, the Input Capture
Channel 1 (IC1) is used to capture TMR5 counter
values. Input Capture Buffer register, CAP1BUF, is
redefined in Velocity Measurement mode, VELM = 0,
as the Velocity Register Buffer (VELRH, VELRL).
TABLE 16-6:
VELOCITY PULSES
16.2.6.1
Velocity Event Timing
The event pulses are reduced by a fixed ratio by the
velocity pulse divider. The divider is useful for
high-speed measurements where the velocity events
happen frequently. By producing a single output pulse
for a given number of input event pulses, the counter
can track larger pulse counts (i.e., distance travelled)
for a given time interval. Time is measured by utilizing
the TMR5 time base.
Each velocity pulse serves as a capture pulse. With the
TMR5 in Synchronous Timer mode, the value of TMR5
is captured on every output pulse of the postscaler. The
counter is subsequently reset to ‘0’. TMR5 is reset
upon a capture event.
Figure 16-13 shows the velocity measurement timing
diagram.
FIGURE 16-12:
VELOCITY MEASUREMENT BLOCK DIAGRAM
QEIM<2:0>
Velocity Event Mode
001
010
x2 Velocity Event mode. The velocity
pulse is generated on every QEA edge.
101
110
x4 Velocity Event mode. The velocity
pulse is generated on every QEA and
QEB active edge.
CAP2/QEA
CAP1/INDX
CAP3/QEB
QEI
Control
Logic
QEB
QEA
INDX
Postscaler
Clock
Direction
Position
Counter
TMR5
IC1
Reset
Logic
16
Velocity Mode
(VELR Register)
TCY
Clock
TMR5 Reset
Velocity Capture
Velocity Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com