전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 200 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 200 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 196Page - Microchip Technology PIC18F4331 Datasheet HTML 197Page - Microchip Technology PIC18F4331 Datasheet HTML 198Page - Microchip Technology PIC18F4331 Datasheet HTML 199Page - Microchip Technology PIC18F4331 Datasheet HTML 200Page - Microchip Technology PIC18F4331 Datasheet HTML 201Page - Microchip Technology PIC18F4331 Datasheet HTML 202Page - Microchip Technology PIC18F4331 Datasheet HTML 203Page - Microchip Technology PIC18F4331 Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 198
Preliminary
© 2007 Microchip Technology Inc.
17.6.5
COMPLEMENTARY PWM
OPERATION
The Complementary mode of PWM operation is useful
to drive one or more power switches in half-bridge
configuration as shown in Figure 17-16. This inverter
topology is typical for a 3-phase induction motor,
brushless DC motor or a 3-phase Uninterruptible
Power Supply (UPS) control applications.
Each upper/lower power switch pair is fed by a
complementary PWM signal. Dead time may be
optionally inserted during device switching, where both
outputs are inactive for a short period (see
Section 17.7 “Dead-Time Generators”).
In Complementary mode, the duty cycle comparison
units are assigned to the PWM outputs as follows:
• PDC0 register controls PWM1/PWM0 outputs
• PDC1 register controls PWM3/PWM2 outputs
• PDC2 register controls PWM5/PWM4 outputs
• PDC3 register controls PWM7/PWM6 outputs
PWM1/3/5/7 are the main PWMs that are controlled by
the PDCx registers and PWM0/2/4/6 are the
complemented outputs. When using the PWMs to
control the half bridge, the odd numbered PWMs can
be used to control the upper power switch and the even
numbered PWMs used for the lower switches.
FIGURE 17-16:
TYPICAL LOAD FOR
COMPLEMENTARY PWM
OUTPUTS
The Complementary mode is selected for each PWM
I/O pin pair by clearing the appropriate PMODx bit in
the PWMCON0 register. The PWM I/O pins are set to
Complementary mode by default upon all kinds of
device Resets.
+V
3-Phase
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com