전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 201 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 201 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 197Page - Microchip Technology PIC18F4331 Datasheet HTML 198Page - Microchip Technology PIC18F4331 Datasheet HTML 199Page - Microchip Technology PIC18F4331 Datasheet HTML 200Page - Microchip Technology PIC18F4331 Datasheet HTML 201Page - Microchip Technology PIC18F4331 Datasheet HTML 202Page - Microchip Technology PIC18F4331 Datasheet HTML 203Page - Microchip Technology PIC18F4331 Datasheet HTML 204Page - Microchip Technology PIC18F4331 Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 199
PIC18F2331/2431/4331/4431
17.7
Dead-Time Generators
In power inverter applications, where the PWMs are
used in Complementary mode to control the upper and
lower switches of a half-bridge, a dead-time insertion is
highly recommended. The dead-time insertion keeps
both outputs in inactive state for a brief time. This
avoids any overlap in the switching during the state
change of the power devices due to TON and TOFF
characteristics.
Because the power output devices cannot switch
instantaneously, some amount of time must be pro-
vided between the turn-off event of one PWM output in
a complementary pair and the turn-on event of the
other transistor. The PWM module allows dead time to
be programmed. The following sections explain the
dead-time block in detail.
17.7.1
DEAD-TIME INSERTION
Each complementary output pair for the PWM module
has a 6-bit down counter used to produce the
dead-time insertion. As shown in Figure 17-17, each
dead-time unit has a rising and falling edge detector
connected to the duty cycle comparison output. The
dead time is loaded into the timer on the detected PWM
edge event. Depending on whether the edge is rising or
falling, one of the transitions on the complementary
outputs is delayed until the timer counts down to zero.
A timing diagram, indicating the dead-time insertion for
one pair of PWM outputs, is shown in Figure 17-18.
FIGURE 17-17:
DEAD-TIME CONTROL UNIT BLOCK DIAGRAM FOR ONE PWM OUTPUT PAIR
FIGURE 17-18:
DEAD-TIME INSERTION FOR COMPLEMENTARY PWM
Even PWM Signal to
Output Control Block
Odd PWM Signal to
Output Control Block
Zero Compare
Clock Control
and Prescaler
6-Bit Down Counter
Duty Cycle
Compare Input
Dead Time
Prescale
FOSC
Dead Time
Select Bits
Dead-Time Register
td
PDC1
Compare
Output
PWM1
PWM0
td



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com