전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 197 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 197 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 193Page - Microchip Technology PIC18F4331 Datasheet HTML 194Page - Microchip Technology PIC18F4331 Datasheet HTML 195Page - Microchip Technology PIC18F4331 Datasheet HTML 196Page - Microchip Technology PIC18F4331 Datasheet HTML 197Page - Microchip Technology PIC18F4331 Datasheet HTML 198Page - Microchip Technology PIC18F4331 Datasheet HTML 199Page - Microchip Technology PIC18F4331 Datasheet HTML 200Page - Microchip Technology PIC18F4331 Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 195
PIC18F2331/2431/4331/4431
17.6
PWM Duty Cycle
PWM duty cycle is defined by the PDCx (PDCxL and
PDCxH) registers. There are a total of four PWM Duty
Cycle registers for four pairs of PWM channels. The
Duty Cycle registers have 14-bit resolution by combin-
ing six LSbs of PDCxH with the 8 bits of PDCxL. PDCx
is a double-buffered register used to set the counting
period for the PWM time base.
17.6.1
PWM DUTY CYCLE REGISTERS
There are four 14-bit Special Function Registers used
to specify duty cycle values for the PWM module:
• PDC0 (PDC0L and PDC0H)
• PDC1 (PDC1L and PDC1H)
• PDC2 (PDC2L and PDC2H)
• PDC3 (PDC3L and PDC3H)
The value in each Duty Cycle register determines the
amount of time that the PWM output is in the active
state. The upper 12 bits of PDCx holds the actual duty
cycle value from PTMRH/L<11:0>, while the lower 2
bits control which internal Q clock the duty cycle match
will occur. This 2-bit value is decoded from the Q clocks
as shown in Figure 17-11 (when the prescaler is 1:1 or
PTCKPS<1:0> = 00).
In Edge-Aligned mode, the PWM period starts at Q1
and ends when the Duty Cycle register matches the
PTMR register as follows. The duty cycle match is con-
sidered when the upper 12 bits of the PDCx is equal to
the PTMR and the lower 2 bits are equal to Q1, Q2, Q3
or Q4, depending on the lower two bits of the PDCx
(when the prescaler is 1:1 or PTCKPS<1:0> = 00).
Each compare unit has logic that allows override of the
PWM signals. This logic also ensures that the PWM
signals will complement each other (with dead-time
insertion) in Complementary mode (see Section 17.7
“Dead-Time Generators”).
FIGURE 17-11:
DUTY CYCLE COMPARISON
Note:
When
the
prescaler
is
not
1:1
(PTCKPS<1:0>
≠ ~00), the duty cycle
match occurs at the Q1 clock of the
instruction cycle when the PTMR and
PDCx match occurs.
PTMR<11:0>
PDCx<13:0>
Comparator
Unused
Unused
PTMRH<7:0>
PTMRL<7:0>
PTMRH<3:0>
PTMRL<7:0>
Q Clocks(1)
PDCxH<7:0>
PDCxL<7:0>
PDCxH<5:0>
PDCxL<7:0>
<1:0>
Note 1: This value is decoded from the Q clocks:
00 = duty cycle match occurs on Q1
01 = duty cycle match occurs on Q2
10 = duty cycle match occurs on Q3
11 = duty cycle match occurs on Q4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com